Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2120CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2120CS
Description  100MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2120CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL2120CS Datasheet HTML 1Page - Intersil Corporation EL2120CS Datasheet HTML 2Page - Intersil Corporation EL2120CS Datasheet HTML 3Page - Intersil Corporation EL2120CS Datasheet HTML 4Page - Intersil Corporation EL2120CS Datasheet HTML 5Page - Intersil Corporation EL2120CS Datasheet HTML 6Page - Intersil Corporation EL2120CS Datasheet HTML 7Page - Intersil Corporation EL2120CS Datasheet HTML 8Page - Intersil Corporation EL2120CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Typical Performance Curves
Closed-Loop AC Electrical Specifications
VS = ±15V; AV = +2 (RF = RG = 270Ω); RL = 150Ω; CL = 7pF; CIN- = 2pF; TA = 25°C
PARAMETER
DESCRIPTION
MIN
TYP
MAX LEVEL
UNITS
SR
Slew Rate; VOUT from -3V to +3V
Measured at -2V and +2V
VS = ±15V
VS = ±5V
750
550
V/µs
V/µs
tS
Settling Time to 0.25% of a
0 to +10V Swing; AV = +1 with
RF = 270Ω, RG = ×, and RL = 400Ω
50
ns
BW
Bandwidth
-3dB
±1dB
±0.1dB
95
50
16
MHz
MHz
MHz
BW@2.5V
Bandwidth at
-3dB
VS = ±2.5V
±1dB
±0.1dB
75
35
11
MHz
MHz
MHz
Peaking
0.5
dB
dG
Differential Gain; DC Offset
from -0.7V through +0.7V, AC
Amplitude 286 mVp–p
VS = ±15V, f = 3.58MHz
VS = ±15V, f = 30MHz
VS = ±5V, f = 3.58MHz
<0.01
0.1
0.01
%
%
%
d
θ
Differential Phase; DC Offset
from -0.7V through +0.7V, AC
Amplitude 286 mVp–p
VS = ±15V, f = 3.58MHz
VS = ±15V, f = 30MHz
VS = ±5V, f = 3.58MHz
0.01
0.1
0.06
°
°
°
AC Test Circuit
Frequency Response vs RF
Frequency Response vs Gain
Frequency Response vs Load
EL2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com