Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHS Datasheet(PDF) 1 Page - Copal Electronics

Part # CHS
Description  SLIDE SWITCHES (HALF PITCH)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CHS Datasheet(HTML) 1 Page - Copal Electronics

  CHS Datasheet HTML 1Page - Copal Electronics CHS Datasheet HTML 2Page - Copal Electronics CHS Datasheet HTML 3Page - Copal Electronics CHS Datasheet HTML 4Page - Copal Electronics CHS Datasheet HTML 5Page - Copal Electronics CHS Datasheet HTML 6Page - Copal Electronics CHS Datasheet HTML 7Page - Copal Electronics CHS Datasheet HTML 8Page - Copal Electronics CHS Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CHS
■ FEATURES
O RoHS compliant
O Meets EIAJ SOP standard outline dimensions (B type)
O Low profile design of 2.5 mm
O 12 types of 1, 2, 4, 6, 8 or 10 bit with either gull wing or
J-hook available
O Excellent contact stability by twin Gold-plated contact
Part name
①
②
③
④
⑤
⑥
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Material
Flammability
UL94V-0
Polyphenylenesulphide
Polyamide
Polyphenylenesulphide
Copper alloy, Gold-plated
INTERNAL STRUCTURE
■ PART NUMBER DESIGNATION
CHS - 06 T A 1
Series name
No. of bits
01:1 bit
02:2 bits
04:4 bits
06:6 bits
08:8 bits
10:110 bits
Shape of terminal
A:J-hook
B:Gull wing
Structure
1:Non-washable type (Without seal tape)
Standard type
2:Non-washable type (With seal tape)
Blank : Washable type (With seal tape)
Form of packaging
T :Taping (Reel)
M:Magazine
Blank:Bulk in plastic bag
※ Please refer to the LIST OF PART NUMBERS when placing orders.
①
③
⑥
④
⑤
②
SLIDE SWITCHES (HALF PITCH)
RoHS compliant


Similar Part No. - CHS

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CHS TEC-CHS Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
Schurter Inc.
CHS SCHURTER-CHS Datasheet
757Kb / 6P
Capacitive switch
03.06.2022
logo
List of Unclassifed Man...
CHS-01A ETC1-CHS-01A Datasheet
432Kb / 15P
SURFACE MOUNT TYPE SLIDE SWITCHES
CHS-01A1 ETC1-CHS-01A1 Datasheet
432Kb / 15P
SURFACE MOUNT TYPE SLIDE SWITCHES
CHS-01A2 ETC1-CHS-01A2 Datasheet
432Kb / 15P
SURFACE MOUNT TYPE SLIDE SWITCHES
More results

Similar Description - CHS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com