Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS Datasheet(PDF) 10 Page - Copal Electronics

Part # CMS
Description  SLIDE SWITCHES (SMD)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CMS Datasheet(HTML) 10 Page - Copal Electronics

Back Button CMS Datasheet HTML 4Page - Copal Electronics CMS Datasheet HTML 5Page - Copal Electronics CMS Datasheet HTML 6Page - Copal Electronics CMS Datasheet HTML 7Page - Copal Electronics CMS Datasheet HTML 8Page - Copal Electronics CMS Datasheet HTML 9Page - Copal Electronics CMS Datasheet HTML 10Page - Copal Electronics CMS Datasheet HTML 11Page - Copal Electronics CMS Datasheet HTML 12Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CMS
SLIDE SWITCHES (SMD)
■ PACKAGING SPECIFICATIONS
<Taping packaging specifications>
O CMS-2 □□□□ type is packaged in 900 pcs. per reel.
Orders will be accepted for units of 900 pcs., i.e.,
900, 1800, 2700 pcs., etc. CMS-4 type is packaged
in packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs.
O Taping version is boxed with one reel.
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below:
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806)
(In accordance with EIAJ ET-7200A)
O CMS-2202TA, TB
(Unit : mm)
(Conforms to JIS C 0806)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
2
±0.5
37.4
±1 (CMS-4□□□□ type)
29.4
±1 (CMS-2□□□□ type)
33.4
±1 (CMS-4□□□□ type)
25.4
±1 (CMS-2□□□□ type)
13
±0.2
φ
21
±0.8
φ
120.1
1.5 0
+0.1
40.1
0.40.1
7
20.1
Terminal
No.1
Direction of feed
Installation example
(CMS-2202B)
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com