Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRFS Datasheet(PDF) 1 Page - Copal Electronics

Part # CRFS
Description  SLIDE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CRFS Datasheet(HTML) 1 Page - Copal Electronics

  CRFS Datasheet HTML 1Page - Copal Electronics CRFS Datasheet HTML 2Page - Copal Electronics CRFS Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O RoHS compliant
O Covering the DC 1 GHz frequency spectrum
O Gold-plated contact provides excellent reliability
■ FEATURES
INTERNAL STRUCTURE
Part name
①
②
③
④
⑤
⑥
⑦
⑧
⑨
⑩
Cover
Slider
Slider plate K
1
Click spring
Click ball
Slider contact
Fixed contact
Housing
Terminal pin
Ground terminal
Material
Flammability
UL94V-0
UL94V-0
—
—
—
Steel (SPCC), Tin-plated
Polyamide
Polyester
SWP
SUS
Copper alloy, Gold-plated
(Polyphenylenesulphide)
Copper alloy, Gold-plated
Steel (SPCC), Tin-plated
K1 : 2 poles 3 contacts only
■ PART NUMBER DESIGNATION
CRFS - 2 2 0 2 W
Series name
No. of poles
2:2 poles
No. of contacts
2:2 contacts
3:3 contacts
Setting position
0:Top setting
Form of packaging
W:Tray packaging
Blank:Bulk in plastic bag
Knob length
2: 5 mm
4:10 mm
CRFS
SLIDE SWITCHES
①
④
⑤
⑩
⑥
⑨
⑦
⑧
③
②
O Communication devices
O Broadcast equipment
O FA equipment
■ APPLICATIONS
RoHS compliant


Similar Part No. - CRFS

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRFS75-2500 CRYSTEKMICROWAVE-CRFS75-2500 Datasheet
248Kb / 3P
Phase Locked Clock Source With Internal Reference
More results

Similar Description - CRFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
SLIDE SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com