Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS-1201A2 Datasheet(PDF) 5 Page - Copal Electronics

Part # CJS-1201A2
Description  SLIDE SWITCHES (SMD)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CJS-1201A2 Datasheet(HTML) 5 Page - Copal Electronics

  CJS-1201A2 Datasheet HTML 1Page - Copal Electronics CJS-1201A2 Datasheet HTML 2Page - Copal Electronics CJS-1201A2 Datasheet HTML 3Page - Copal Electronics CJS-1201A2 Datasheet HTML 4Page - Copal Electronics CJS-1201A2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CJS
SLIDE SWITCHES (SMD)
■ PACKAGING SPECIFICATIONS
<Taping packaging specifications>
O Taping version is packaged in 1000 pcs. per reel.
Orders will be accepted for units of 1000 pcs., i.e., 1000,
2000, 3000 pcs., etc.
O Taping version is boxed with two reels (2000 pcs.).
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below:
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
21.4
± 1
17.4
± 1
2
±0.5
13
±0.2
φ
21
±0.8
φ
(Conforms to JIS C 0806)
<Bulk pack specifications>
O Boxing of bulk pack in a plastic bag is performed with
100 pcs. (standard 500 pcs.) per box.
Terminal No.1
Direction of feed
(CJS-1200B1)
1.5
8 0.1
4 0.1
2 0.1
0.3 0.1
3
Installation example
φ
+0.1
0
O CJS-1200TA□ , 1200TB□ , 1201TA□ , 1201TB□
(Unit: mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com