Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHS-01TB1 Datasheet(PDF) 14 Page - Copal Electronics

Part # CHS-01TB1
Description  SLIDE SWITCHES (HALF PITCH)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CHS-01TB1 Datasheet(HTML) 14 Page - Copal Electronics

Back Button CHS-01TB1 Datasheet HTML 6Page - Copal Electronics CHS-01TB1 Datasheet HTML 7Page - Copal Electronics CHS-01TB1 Datasheet HTML 8Page - Copal Electronics CHS-01TB1 Datasheet HTML 9Page - Copal Electronics CHS-01TB1 Datasheet HTML 10Page - Copal Electronics CHS-01TB1 Datasheet HTML 11Page - Copal Electronics CHS-01TB1 Datasheet HTML 12Page - Copal Electronics CHS-01TB1 Datasheet HTML 13Page - Copal Electronics CHS-01TB1 Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
CHS
SLIDE SWITCHES (HALF PITCH)
Pieces in package : 4 bits, 70pcs./stick
6 bits, 50pcs./stick
8 bits, 40pcs./stick
10 bits, 30pcs./stick
<Magazine packaging specifications>
O Packing quantities of magazines are different depending
on the bit number of the switches.
Please order the multiple numbers of the specific
packing quantities. (e.g. 70 pcs., 140 pcs., 210 pcs.,
etc., in case of 4 bits version)
※ The magazine is common to A and B terminal pin.
Magazine length : 500
— 2 mm long
OMagazine dimensions
(Unit : mm)
10.4±0.3
(B type)
Installation example
<Bulk pack specifications>
O The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack.
Orders will be accepted for unit of minimum
10 pcs., i.e.,
10, 20, 30 pcs., etc.
O Boxing of bulk in a plastic bag is performed with 50 pcs.
(standard
200 pcs.) per box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com