Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRFS-2304 Datasheet(PDF) 2 Page - Copal Electronics

Part # CRFS-2304
Description  SLIDE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CRFS-2304 Datasheet(HTML) 2 Page - Copal Electronics

  CRFS-2304 Datasheet HTML 1Page - Copal Electronics CRFS-2304 Datasheet HTML 2Page - Copal Electronics CRFS-2304 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Contact rating
■ STANDARD SPECIFICATIONS
Operating temp. range
Storage temp. range
Sealing
Net weight
− 40 ~ 85 °C
Non washable
Approx. 1.4 g (CRFS-2202)
Approx. 1.5 g (CRFS-2204)
Approx. 1.9 g (CRFS-2302)
Approx. 2.0 g (CRFS-2304)
No. of positions
Stroke
Operating force
Stop strength
Solderability
Soldering heat
2, 3
2 mm
CFRS-22 □□ ※1
A
B : 2.5
± 1.5 N {0.255 ± 0.153 kgf}
CFRS-23 □□ ※2
A
B / C
B : 1.5
± 1 N {0.153 ± 0.102 kgf}
B
A / B
C : 2.5
± 1.5 N {0.255 ± 0.153 kgf}
30 N {3.06 kgf} 15 s
245
± 3 °C 2 ~ 3 s
Contact timing
Contact resistance
Insulation resistance
Dielectric strength
Non-switching : DC50 V 100 mA
Switching : DC12 V 100 mA
Minimum : DC20 mV 1
μA
Non-shorting
70 m
Ω maximum
100 M
Ω minimum (DC500 V)
AC500 V, 60 s
■ ELECTRICAL CHARACTERISTICS
■ MECHANICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
{ } : Reference only
Flow : 260
± 3 °C, 5 ~ 6 s, 2 times maximum
Manual soldering : 380
± 10 °C, 3 ~ 4 s
CRFS-22 □□
28 dB
minimum
26 dB
minimum
28 dB
minimum
26 dB
minimum
75
Ω
1.3
maximum
0.17 dB
maximum
29 dB
minimum
1.3
maximum
0.13 dB
maximum
31 dB
minimum
1.3
maximum
0.23 dB
maximum
28 dB
minimum
1.2
maximum
0.15 dB
maximum
30 dB
minimum
770 MHz
1.0 GHz
770 MHz
1.0 GHz
CRFS-23 □□
Isolation between circuits
Insertion loss
VSWR
Impedance
■ HIGH FREQUENCY CHARACTERISTICS
CRFS
SLIDE SWITCHES
■ LIST OF PART NUMBERS
Setting position
Top setting
Through hole pins
5 mm
10 mm
Tray packaging
Bulk in plastic bag
Tray packaging
Bulk in plastic bag
CRFS-2202W
CRFS-2202
CRFS-2302W
CRFS-2302
50 pcs./tray
25 pcs./pack
CRFS-2204W
CRFS-2204
CRFS-2304W
CRFS-2304
50 pcs./tray
25 pcs./pack
Form of packaging
Shape of terminals
Knob length
Pieces in package
No. of contacts
2
3
Isolation between terminals
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
Amplitude 1.5 mm or
Acceleration 98 m/s
2,
10-500-10 Hz, 3 directions for 10 cycles each
490 m/s
2, 11 ms, sinusoidal wave half cycle,
6 directions for 3 times each
Continuous load 10000 cycles,
DC12
± 0.5 V, 100 ± 10 mA
40 °C, Relative humidity 90 ~ 95 %,
240 h, No load
85 °C, 96 h, No load
−40 °C, 96 h, No load
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
AB
AB
C
※1
※2
CRFS-22□□
CRFS-23□□



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com