Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHP-080B Datasheet(PDF) 2 Page - Copal Electronics

Part # CHP-080B
Description  PIANO SWITCHES (HALF PITCH)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CHP-080B Datasheet(HTML) 2 Page - Copal Electronics

  CHP-080B Datasheet HTML 1Page - Copal Electronics CHP-080B Datasheet HTML 2Page - Copal Electronics CHP-080B Datasheet HTML 3Page - Copal Electronics CHP-080B Datasheet HTML 4Page - Copal Electronics CHP-080B Datasheet HTML 5Page - Copal Electronics CHP-080B Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B(Gull wing)
CHP
PIANO SWITCHES (HALF PITCH)
■ LIST OF PART NUMBERS
※ Verify the above part numbers when placing orders.
Taping version can be supplied only in reel units.
No. of bits
ON direction
2
Upper
Lower
Upper
Lower
Upper
Lower
4
8
Form of packaging
Pieces in package
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
CHP-020TA
CHP-020TB
500 pcs./reel
CHP-020A
CHP-020B
50 pcs./pack
CHP-021TA
CHP-021TB
500 pcs./reel
CHP-021A
CHP-021B
50 pcs./pack
CHP-040TA
CHP-040TB
500 pcs./reel
CHP-040A
CHP-040B
50 pcs./pack
CHP-041TA
CHP-041TB
500 pcs./reel
CHP-041A
CHP-041B
50 pcs./pack
CHP-080TA
CHP-080TB
500 pcs./reel
CHP-080A
CHP-080B
50 pcs./pack
CHP-081TA
CHP-081TB
500 pcs./reel
CHP-081A
CHP-081B
50 pcs./pack
A(J-hook)
Shape of terminals
■ STANDARD SPECIFICATIONS
Operating temp. range
Storage temp. range
Sealing
Net weight
− 40 ~ 85 °C
Non-washable
Approx. 0.16 g (CHP-02), Approx. 0.25 g (CHP-04),
Approx. 0.43 g (CHP-08)
Operation angle
Operation force
Stop strength
Solderability
Soldering heat
Shear (Adhesion)
Substrate bending
Pull-off strength
22 °
5 N {0.51 kgf} maximum
10 N {1.02 kgf} 60 s
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
■ MECHANICAL CHARACTERISTICS
Contact resistance
Insulation resistance
Dielectric strength
Contact rating
Non-switching
Switching
Minimum
DC50 V 100 mA
DC6 V, 100 mA DC24 V, 25 mA
DC20 mV 1
μA
50 m
Ω maximum
1000 M
Ω (DC100 V) minimum
AC500 V, 60 s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
Amplitude 1.5 mm or Acceleration 98 m/s
2,
10-500 Hz, 3 directions for 10 cycles each
490 m/s
2, 11 ms
6 directions for 3 times each
Continuous load 1000 cycles,
DC6
± 0.5 V, 100 ± 10 mA
−10 ~ 65 °C, Relative humidity 0 ~ 96 %,
24 h for 10 cycles
85 °C, 96 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
■ ELECTRICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
{ } : Reference only
Reflow
:255 °C (Peak temperature)
Please refer to the profile below
)
Manual soldering
:
350
± 10 °C, 3 ~ 4 s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com