Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4267 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4267
Description  5-V Low Drop Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4267 Datasheet HTML 1Page - Infineon Technologies AG TLE4267 Datasheet HTML 2Page - Infineon Technologies AG TLE4267 Datasheet HTML 3Page - Infineon Technologies AG TLE4267 Datasheet HTML 4Page - Infineon Technologies AG TLE4267 Datasheet HTML 5Page - Infineon Technologies AG TLE4267 Datasheet HTML 6Page - Infineon Technologies AG TLE4267 Datasheet HTML 7Page - Infineon Technologies AG TLE4267 Datasheet HTML 8Page - Infineon Technologies AG TLE4267 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
5-V Low Drop Voltage Regulator
TLE 4267
Data Sheet
2
Rev. 2.51, 2012-01-20
Type
Package
Type
Package
TLE 4267
PG-TO220-7-11
TLE 4267 S
PG-TO220-7-12
TLE 4267 G
PG-TO263-7-1
TLE 4267 GM
PG-DSO-14-30
P-TO220-7-3
P-TO 220-7-180
(TO-220 AB/7, Option E3180)
P-TO220-7-230
P-DSO-14-3, -8, -9, -11, 14
Features
•
Output voltage tolerance
≤ ±2%
•
400 mA output current capability
•
Low-drop voltage
•
Very low standby current consumption
•
Input voltage up to 40 V
•
Overvoltage protection up to 60 V (
≤ 400 ms)
•
Reset function down to 1 V output voltage
•
ESD protection up to 2000 V
•
Adjustable reset time
•
On/off logic
•
Overtemperature protection
•
Reverse polarity protection
•
Short-circuit proof
•
Wide temperature range
•
Suitable for use in automotive electronics
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
TLE 4267 is a 5-V low drop voltage regulator for
automotive
applications
in
the
PG-TO220-7
or
PG-DSO-14-30 package. It supplies an output current of
> 400 mA. The IC is shortcircuit-proof and has an
overtemperature protection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com