Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4267S Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4267S
Description  5-V Low Drop Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267S Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4267S Datasheet HTML 5Page - Infineon Technologies AG TLE4267S Datasheet HTML 6Page - Infineon Technologies AG TLE4267S Datasheet HTML 7Page - Infineon Technologies AG TLE4267S Datasheet HTML 8Page - Infineon Technologies AG TLE4267S Datasheet HTML 9Page - Infineon Technologies AG TLE4267S Datasheet HTML 10Page - Infineon Technologies AG TLE4267S Datasheet HTML 11Page - Infineon Technologies AG TLE4267S Datasheet HTML 12Page - Infineon Technologies AG TLE4267S Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLE 4267
Data Sheet
9
Rev. 2.51, 2012-01-20
Table 5
Operating Range
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Input voltage
V
I
5.5
40
V
see diagram
Junction temperature
T
J
-40
150
°C–
Thermal Resistance
Junction ambient
R
thja
–
65
K/W
PG-TO220-7-11
package
Junction-case
R
thjc
–
6
K/W
PG-TO220-7-11
package
Junction-case
Z
thjc
–2
K/W
T < 1 ms
PG-TO220-7-11
package
Junction ambient
R
thja
–
70
K/W
PG-TO263-7-1
(SMD) package
Junction-case
R
thjc
–
6
K/W
PG-TO263-7-1
(SMD) package
Junction-case
Z
thjc
–2
K/W
T < 1 ms
PG-TO263-7-1
(SMD) package
Junction ambient
R
thja
–
65
K/W
PG-TO220-7-12
package
Junction-case
R
thjc
–
6
K/W
PG-TO220-7-12
package
Junction-case
Z
thjc
–2
K/W
T < 1 ms
PG-TO220-7-12
package
Junction ambient
R
thja
–
70
K/W
PG-DSO-14-30
package
Junction-pin
R
thjp
–
30
K/W
PG-DSO-14-30
package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com