Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHS-01TB Datasheet(PDF) 12 Page - Copal Electronics

Part # CHS-01TB
Description  SLIDE SWITCHES (HALF PITCH)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CHS-01TB Datasheet(HTML) 12 Page - Copal Electronics

Back Button CHS-01TB Datasheet HTML 6Page - Copal Electronics CHS-01TB Datasheet HTML 7Page - Copal Electronics CHS-01TB Datasheet HTML 8Page - Copal Electronics CHS-01TB Datasheet HTML 9Page - Copal Electronics CHS-01TB Datasheet HTML 10Page - Copal Electronics CHS-01TB Datasheet HTML 11Page - Copal Electronics CHS-01TB Datasheet HTML 12Page - Copal Electronics CHS-01TB Datasheet HTML 13Page - Copal Electronics CHS-01TB Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Direction of feed
0.3±0.1
Installation example
3
40.1
80.1
φ1.5+0.1
0
(CHS-01A)
20.1
CHS
SLIDE SWITCHES (HALF PITCH)
■ PACKAGING SPECIFICATIONS
<Taping packaging specifications>
O Taping version (CHS-02 ~ 10 types) are packaged in
500 pcs. per reel. Orders will be accepted for units of
500 pcs., i.e., 500, 1000, 1500 pcs., etc.
CHS-01 type is packaged in 1000 pcs. per reel. Orders
will be accepted for units of 1000 pcs., i.e., 2000, 3000
pcs., etc.
O Taping version is boxed with two reels.
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below:
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
21
±0.8
13
±0.2
2
±0.5
254
±2
21.4
±1 (1,2,4,6 bits)
29.4
±1 (8,10 bits)
17.4
±1 (1,2,4,6 bits)
25.4
±1 (8,10 bits)
φ
φ
φ
O 1 bit
(Unit : mm)
(Conforms to JIS C 0806)
O 2 bits
Direction of feed
0.3±0.1
Installation example
3
O
N
40.1
12±±0.1
φ1.5+0.1
0
(CHS-02A)
2±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com