Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT4402 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FMMT4402
Description  SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FMMT4402 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FMMT4402 Datasheet HTML 1Page - List of Unclassifed Manufacturers FMMT4402 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SWITCHING CHARACTERISTICS (at Tamb= 25°C )
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS
Turn-On Time
ton
35
ns
VCC=-30V, VBE(off)=-2V
IC=-150mA, IB1=-15mA
(See Fig.1)
Turn-Off Time
toff
255
ns
VCC=-30V, IC=-150mA
IB1=IB2=-15mA
(See Fig. 2)
SOT23 PNP SILICON PLANAR
GENERAL PURPOSE TRANSISTOR
ISSUE 2 - MARCH 1995
7
PARTMARKING DETAILS:
FMMT4402 - 2K
FMMT4403 - 2L
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-600
A
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated)
PARAMETER
SYMBOL
FMMT4402
FMMT4403
UNIT CONDITIONS
MIN.
MAX.
MIN.
MAX.
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-40
-40
V IC=-1mA, IB=0
Collector-Base
Breakdown Voltage
V(BR)CBO
-40
-40
V IC=-0.1mA, IE=0
Emitter-Base
Breakdown Current
V(BR)EBO
-5
-5
V IE=-0.1mA, IC=0
Collector-Emitter
Cut-Off Current
ICEX
-0.1
-0.1
µ
A VCE=-35V
VEB(off) =-0.4V
Base Cut-Off
Current
IBEX
-0.1
-0.1
µ
A VCE=-35V
VEB(off) =-0.4V
Static Forward
Current
TransferRatio
hFE
30
50
50
20
150
30
60
100
100
20
300
IC=-0.1mA, VCE=-1V
IC=-1mA, VCE=-1V
IC=-10mA, VCE=-1V
IC=-150mA,VCE=-2V*
IC=-500mA,VCE=-2V*
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.4
-0.75
-0.4
-0.75
V
V
IC=-150mA,IB=-15mA*
IC=-500mA,IB=-50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.75
-0.95
-1.3
-0.75
-0.95
-1.3
V
V
IC=-150mA,IB=-15mA*
IC=-500mA,IB=-50mA
Transition
Frequency
fT
150
200
MHz IC=-20mA,VCE=-10V
f=100MHz
Output Capacitance Cobo
8.5
8.5
pF VCB=-10 V,IE=0
f=100kHz
Input Capacitance
Cibo
30
30
pF VBE=0.5V
IC=0, f=100kHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT4402
FMMT4403
C
B
E
PAGE NUMBER
FMMT4402
FMMT4403
PAGE NUMBER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com