Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FESF16AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FESF16AT
Description  Ultrafast Plastic Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FESF16AT Datasheet(HTML) 3 Page - Vishay Siliconix

  FESF16AT Datasheet HTML 1Page - Vishay Siliconix FESF16AT Datasheet HTML 2Page - Vishay Siliconix FESF16AT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
50
100
150
0
4.0
8.0
12
16
20
1
10
100
0
50
100
150
200
250
300
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
80
0.1
1
10
100
10
100
1,000
0
20
40
60
80
100
0.1
1
10
100
1,000
Case Temperature (
°C)
FES16JT, FESF16JT, FESB16JT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88599
www.vishay.com
15-Jan-03
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com