Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS-4402B Datasheet(PDF) 2 Page - Copal Electronics

Part # CMS-4402B
Description  SLIDE SWITCHES (SMD)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CMS-4402B Datasheet(HTML) 2 Page - Copal Electronics

  CMS-4402B Datasheet HTML 1Page - Copal Electronics CMS-4402B Datasheet HTML 2Page - Copal Electronics CMS-4402B Datasheet HTML 3Page - Copal Electronics CMS-4402B Datasheet HTML 4Page - Copal Electronics CMS-4402B Datasheet HTML 5Page - Copal Electronics CMS-4402B Datasheet HTML 6Page - Copal Electronics CMS-4402B Datasheet HTML 7Page - Copal Electronics CMS-4402B Datasheet HTML 8Page - Copal Electronics CMS-4402B Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
■ LIST OF PART NUMBERS
Setting
position
Top
setting
Side
setting
Form of packaging
Shape of terminals
Knob
length
Pieces in
package
Taping
Plastic bag
Taping
Plastic bag
Tray packaging
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
A(J-hook)
C(Through hole pins)
B(Gull wing)
A(J-hook)
C
(        )
Through hole pins
B(Gull wing)
2 mm
2 mm
4 mm
2 mm
4 mm
2 mm
4 mm
CMS-2202TA
CMS-2302TA
CMS-2402TA
900 pcs./reel
CMS-2202A
CMS-2302A
CMS-2402A
50 pcs./pack
CMS-2202TB
CMS-2302TB
CMS-2402TB
900 pcs./reel
CMS-2202B
CMS-2302B
CMS-2402B
50 pcs./pack
CMS-2202WC
CMS-2302WC
CMS-2402WC
50 pcs./tray
CMS-2202C
CMS-2302C
CMS-2402C
50 pcs./pack
CMS-2212TA
CMS-2312TA
CMS-2412TA
900 pcs./reel
CMS-2212A
CMS-2312A
CMS-2412A
50 pcs./pack
CMS-2214TA
CMS-2314TA
CMS-2414TA
900 pcs./reel
CMS-2214A
CMS-2314A
CMS-2414A
50 pcs./pack
CMS-2212TB
CMS-2312TB
CMS-2412TB
900 pcs./reel
CMS-2212B
CMS-2312B
CMS-2412B
50 pcs./pack
CMS-2214TB
CMS-2314TB
CMS-2414TB
900 pcs./reel
CMS-2214B
CMS-2314B
CMS-2414B
50 pcs./pack
CMS-2212WC
CMS-2312WC
CMS-2412WC
50 pcs./tray
CMS-2212C
CMS-2312C
CMS-2412C
50 pcs./pack
CMS-2214WC
CMS-2314WC
CMS-2414WC
50 pcs./tray
CMS-2214C
CMS-2314C
CMS-2414C
50 pcs./pack
※ Verify the above part numbers when placing orders.
Taping and tray version can be supplied only in reel or tray unit.
No. of contacts
2
3
4
CMS
SLIDE SWITCHES (SMD)
Setting
position
Top
setting
Side
setting
Form of packaging
Shape of terminals
Knob
length
Pieces in
package
Taping
Plastic bag
Taping
Plastic bag
Tray packaging
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Tray packaging
Plastic bag
A(J-hook)
C(Through hole pins)
C(Through hole pins)
B(Gull wing)
A(J-hook)
B(Gull wing)
2 mm
6 mm
CMS-4202TA
500 pcs./reel
CMS-4202A
25 pcs./pack
CMS-4202TB
500 pcs./reel
CMS-4202B
25 pcs./pack
CMS-4202WC
50 pcs./tray
CMS-4202C
25 pcs./pack
CMS-4216TA
500 pcs./reel
CMS-4216A
25 pcs./pack
CMS-4216TB
500 pcs./reel
CMS-4216B
25 pcs./pack
CMS-4216WC
50 pcs./tray
CMS-4216C
25 pcs./pack
No. of contacts
2
O 2 poles
O 4 poles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com