Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM313H Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM313H
Description  Reference Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM313H Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM313H Datasheet HTML 1Page - National Semiconductor (TI) LM313H Datasheet HTML 2Page - National Semiconductor (TI) LM313H Datasheet HTML 3Page - National Semiconductor (TI) LM313H Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLH5713
December 1994
LM113LM313 Reference Diode
General Description
The LM113LM313 are temperature compensated low volt-
age reference diodes They feature extremely-tight regula-
tion over a wide range of operating currents in addition to an
unusually-low breakdown voltage and good temperature
stability
The diodes are synthesized using transistors and resistors
in a monolithic integrated circuit As such they have the
same low noise and long term stability as modern IC op
amps Further output voltage of the reference depends only
on highly-predictable properties of components in the IC so
they can be manufactured and supplied to tight tolerances
Features
Y
Low breakdown voltage 1220V
Y
Dynamic impedance of 03X from 500 mAto20mA
Y
Temperature stability typically 1% overb55 Cto125 C
range (LM113) 0 Cto70 C (LM313)
Y
Tight tolerance g5% g2% or g1%
The characteristics of this reference recommend it for use in
bias-regulation circuitry in low-voltage power supplies or in
battery powered equipment The fact that the breakdown
voltage is equal to a physical property of siliconthe ener-
gy-band gap voltagemakes it useful for many tempera-
ture-compensation and temperature-measurement func-
tions
Schematic and Connection Diagrams
Metal Can Package
Order Number
LM113H LM113H883
LM113-1H LM113-1H883
LM113-2H LM113-2H883
or LM313H
See NS Package Number H02A
TLH5713 – 1
Typical Applications
Level Detector for Photodiode
Low Voltage Regulator
Solid tantalum
TLH5713 – 2
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM313H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM313 TI1-LM313 Datasheet
293Kb / 10P
Reference Diode
logo
Connor-Winfield Corpora...
LM313-155.52M CONNOR-WINFIELD-LM313-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Shanghai Leiditech Elec...
LM3134KT LEIDITECH-LM3134KT Datasheet
480Kb / 4P
N-Channel Enhancement Mode Fidld Effect Transistor
LM3139 LEIDITECH-LM3139 Datasheet
812Kb / 6P
P-Channel 1.8-V (G-S) MOSFET
More results

Similar Description - LM313H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
2.5V REFERENCE DIODE
LM336-2.5 NSC-LM336-2.5 Datasheet
223Kb / 12P
Reference Diode
logo
Central Semiconductor C...
CMPD200 CENTRAL-CMPD200 Datasheet
59Kb / 2P
FORWARD REFERENCE DIODE
logo
National Semiconductor ...
LM136-2.5 NSC-LM136-2.5_05 Datasheet
679Kb / 12P
Reference Diode
LM136A-2.5 NSC-LM136A-2.5 Datasheet
276Kb / 12P
Reference Diode
LM136A-2.5 NSC-LM136A-2.5_09 Datasheet
311Kb / 14P
Reference Diode
logo
Texas Instruments
LM336BMX-2.5 TI1-LM336BMX-2.5 Datasheet
676Kb / 14P
Reference Diode
LM113 TI1-LM113_13 Datasheet
293Kb / 10P
Reference Diode
LM113QML TI1-LM113QML_13 Datasheet
297Kb / 10P
Reference Diode
LM136-2.5-N TI1-LM136-2.5-N_14 Datasheet
453Kb / 16P
Reference Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com