Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8624 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS8624
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8624 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS8624 Datasheet HTML 5Page - Integrated Circuit Systems ICS8624 Datasheet HTML 6Page - Integrated Circuit Systems ICS8624 Datasheet HTML 7Page - Integrated Circuit Systems ICS8624 Datasheet HTML 8Page - Integrated Circuit Systems ICS8624 Datasheet HTML 9Page - Integrated Circuit Systems ICS8624 Datasheet HTML 10Page - Integrated Circuit Systems ICS8624 Datasheet HTML 11Page - Integrated Circuit Systems ICS8624 Datasheet HTML 12Page - Integrated Circuit Systems ICS8624 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8624BY
www.icst.com/products/hiperclocks.html
REV. C JUNE 15, 2004
9
Integrated
Circuit
Systems, Inc.
ICS8624
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
FIGURE 4A. ICS8624 HSTL ZERO DELAY BUFFER SCHEMATIC EXAMPLE
LAYOUT GUIDELINE
The schematic of the ICS8624 layout example is shown in
Figure 4A. The ICS8624 recommended PCB board layout for
this example is shown in
Figure 4B. This layout example is
used as a general guideline. The layout in the actual system
C11
0.01u
(U1-16)
CLK_SEL
(U1-17)
Zo = 50 Ohm
SEL1
(U1-32)
R4A
50
DIV_SEL[1:0] = 01
VDD
C4
0.1uF
Zo = 50 Ohm
R9
50
VDD=3.3V
CLK_SEL
R4B
50
C2
0.1uF
RU5
SP
VDDO=1.8V
SEL1
C7
0.1uF
VDDA
R2A
50
C1
0.1uF
RU3
1K
(U1-25)
(155.5 MHz)
VDD
R10
50
Zo = 50 Ohm
RD2
1K
R7
10
C16
10u
SP = Space (i.e. not intstalled)
R2B
50
Zo = 50 Ohm
Bypass capacitor located near the power pins
VDDO
RD4
SP
155.5 MHz
SEL0
C6
0.1uF
PLL_SEL
3.3V
RU4
1K
VDD
LVHSTL_input
+
-
VDD
R8
50
(U1-24)
SEL0
RD5
1K
U1
8624
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
SEL0
SEL1
CLK0
nCLK0
CLK1
nCLK2
CLK_SEL
MR
VDDO
nQ1
Q1
nQ2
Q2
nQ3
Q3
VDDO
VDDO
RU2
SP
RD3
SP
(U1-9)
3.3V PECL Driver
C5
0.1uF
will depend on the selected component types, the density of
the components, the density of the traces, and the stack up
of the P.C. board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com