Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8761 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS8761
Description  LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8761 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS8761 Datasheet HTML 7Page - Integrated Circuit Systems ICS8761 Datasheet HTML 8Page - Integrated Circuit Systems ICS8761 Datasheet HTML 9Page - Integrated Circuit Systems ICS8761 Datasheet HTML 10Page - Integrated Circuit Systems ICS8761 Datasheet HTML 11Page - Integrated Circuit Systems ICS8761 Datasheet HTML 12Page - Integrated Circuit Systems ICS8761 Datasheet HTML 13Page - Integrated Circuit Systems ICS8761 Datasheet HTML 14Page - Integrated Circuit Systems ICS8761 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
8761CY
www.icst.com/products/hiperclocks.html
REV. C SEPTEMBER 7, 2004
11
Integrated
Circuit
Systems, Inc.
ICS8761
LOW VOLTAGE, LOW SKEW,
PCI / PCI-X CLOCK GENERATOR
SCHEMATIC EXAMPLE
Figure 3 shows a schematic example of the ICS8761. In this
example, the input is driven by an ICS HiPerClockS LVHSTL
driver. The decoupling capacitors should be physically located
near the power pin. For ICS8761, the unused clock outputs can
be left floating. The optional C1 and C2 are spare footprints for
frequency fine tuning.
FIGURE 3. ICS8761 CLOCK GENERATOR SCHEMATIC EXAMPLE
Receiv er
RU1
1K
(U1,23)
C16
10u
VDDO
C17
0.1u
VDD
SP = Spare, Not Install
(U1,44)
VDD=3.3V
Zo = 50
Zo = 50
C9
0.1u
U1
ICS8761
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
39
38
37
36
35
34
33
48
47
46
45
44
43
42
41
40
REF_CLK
GND
XTAL1
XTAL2
VDD
XTAL_SEL
PLL_SEL
VDDA
VDD
D_SELC0
D_SELC1
OEC
OEA
D_SELA0
D_SELA1
GND
D_SELD0
D_SELD1
OED
OEB
D_SELB0
D_SELB1
GND
GND
FB_OUT
VDDOFB
FB_IN
VDD
FBDIV_SEL0
FBDIV_SEL1
MR
VDD
VDD
(U1,46)
Set Logic
Input to '1'
VDDO
VDD
RD1
SP
To Logic
Input pins
R6
1K
C5
0.1u
C12
0.1u
Receiv er
VDDO=3.3V
Set Logic
Input to '0'
C3
0.1u
VDD
R3
36
R5
1K
To Logic
Input pins
C15
0.1u
R4
36
Receiv er
Zo = 50
C13
0.1u
Logic Input Pin Examples
C2
SP
(U1,5)
VDDO
X1
25MHz,18pF
(U1,40)
(U1,19)
C1
SP
RD2
1K
VDDO
C8
0.1u
C11
0.1u
R1
36
C6
0.1u
VDD
(U1,58)
C10
0.1u
Zo = 50
R2
36
(U1,62)
VDD
C14
0.1u
Receiv er
(U1,50)
(U1,9)
(U1,31)
(U1,54)
VDD
C7
0.1u
RU2
SP
R7
10
(U1,27)
C4
0.1u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com