Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8624BYLF Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS8624BYLF
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8624BYLF Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS8624BYLF Datasheet HTML 8Page - Integrated Circuit Systems ICS8624BYLF Datasheet HTML 9Page - Integrated Circuit Systems ICS8624BYLF Datasheet HTML 10Page - Integrated Circuit Systems ICS8624BYLF Datasheet HTML 11Page - Integrated Circuit Systems ICS8624BYLF Datasheet HTML 12Page - Integrated Circuit Systems ICS8624BYLF Datasheet HTML 13Page - Integrated Circuit Systems ICS8624BYLF Datasheet HTML 14Page - Integrated Circuit Systems ICS8624BYLF Datasheet HTML 15Page - Integrated Circuit Systems ICS8624BYLF Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
8624BY
www.icst.com/products/hiperclocks.html
REV. C JUNE 15, 2004
12
Integrated
Circuit
Systems, Inc.
ICS8624
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
HSTL output driver circuit and termination are shown in
Figure 5.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = (V
OH_MIN
/R
L
) * (V
DD_MAX
- V
OH_MIN
)
Pd_L = (V
OL_MAX
/R
L
) * (V
DD_MAX
- V
OL_MAX
)
Pd_H = (1V/50
Ω) * (2V - 1V) = 20mW
Pd_L = (0.4V/50
Ω) * (2V - 0.4V) = 12.8mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 32.8mW
FIGURE 5. HSTL DRIVER CIRCUIT AND TERMINATION
V
DDO
V
OUT
RL
50
Ω
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com