Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSN1002 Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSN1002
Description  100V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN1002 Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSN1002 Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN1002 Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN1002 Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN1002 Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN1002 Datasheet HTML 5Page - MORE Semiconductor Company Limited MSN1002 Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Features
● VDS = 100V,ID = 2A
RDS(ON) <240m
@ VGS=10V
(Typ:200m )
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Excellent package for good heat dissipation
Application
● Power switching application
● Hard switched and high frequency circuits
● Uninterruptible power supply
Absolute Maximum Ratings (TA=25℃
℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
2
A
Drain Current-Pulsed
(Note 1)
IDM
5
A
Maximum Power Dissipation
PD
1.25
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
100
/W
MSN1002
100V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1002
Lead Free
PIN Configuration
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
SOT-23
Ø180mm
8 mm
3000 units
D
G
S
Schematic diagram
Marking and pin Assignment
SOT-23 top view


Similar Part No. - MSN1002

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN1002T MORESEMI-MSN1002T Datasheet
530Kb / 6P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSN1002

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN10B0K MORESEMI-MSN10B0K Datasheet
600Kb / 6P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1002T MORESEMI-MSN1002T Datasheet
530Kb / 6P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1006T MORESEMI-MSN1006T Datasheet
492Kb / 6P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1006U MORESEMI-MSN1006U Datasheet
597Kb / 6P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1008W MORESEMI-MSN1008W Datasheet
598Kb / 6P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1010W MORESEMI-MSN1010W Datasheet
545Kb / 6P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1014W MORESEMI-MSN1014W Datasheet
578Kb / 7P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1017D MORESEMI-MSN1017D Datasheet
482Kb / 6P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1017K MORESEMI-MSN1017K Datasheet
498Kb / 6P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1030M MORESEMI-MSN1030M Datasheet
380Kb / 6P
100V(D-S) N-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com