Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-4 Datasheet(PDF) 1 Page - Copal Electronics

Part # CS-4
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-4 Datasheet(HTML) 1 Page - Copal Electronics

  CS-4 Datasheet HTML 1Page - Copal Electronics CS-4 Datasheet HTML 2Page - Copal Electronics CS-4 Datasheet HTML 3Page - Copal Electronics CS-4 Datasheet HTML 4Page - Copal Electronics CS-4 Datasheet HTML 5Page - Copal Electronics CS-4 Datasheet HTML 6Page - Copal Electronics CS-4 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O RoHS compliant
O Optimum for high density board mounting applications
O Compatible with most automatic pick & place machinery
(J-hook and Gull wing types only)
O Compatible with reflow and wave soldering
O Protection against dust and washable after soldering
O Excellent reliability due to precious metal contact
■ FEATURES
INTERNAL STRUCTURE
Part name
①
②
③
④
⑤
⑥
⑦
Rotor
Cover
“O” ring
Fixed contact
Terminal pin
Housing
Slider contact
Material
Flammability
UL94V-0
UL94HB
UL94V-0
Polyphenylenesulphide
Stainless steel (SUS 304)
Silicone rubber
Copper alloy, Gold-plated
Epoxy
※ LCP
( LC polymer)
Multi metal alloy
※:1 pole 4 contacts only
■ PART NUMBER DESIGNATION
CS-4 - 1 3 N T A
Series name
No. of poles
1:1 pole
2:2 poles
No. of contacts
2:2 contacts
3:3 contacts
4:4 contacts
Shape of terminal
A:J-hook
B:Gull wing
C:Through hole pins
Form of packaging
T:Taping (Reel)
Blank:Bulk in plastic bag
Contact timing
N:Non-shorting (1 pole 3, 4 contacts only)
Y:Non-shorting with neutral detent
(1pole 2 contacts, 2 poles 2 contacts)
X:Non-shorting without neutral detent (1 pole 2 contacts only)
CS-4
ROTARY SELECTOR SWITCHES (SMD)
①
④
⑥
⑦
⑤
②
③
RoHS compliant


Similar Part No. - CS-4

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS-4 SUMIDA-CS-4 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS-4 Series>
logo
Coilcraft lnc.
CS-4-12XA COILCRAFT-CS-4-12XA Datasheet
190Kb / 7P
ROTARY SELECTOR SWITCHES
CS-4-12XB COILCRAFT-CS-4-12XB Datasheet
190Kb / 7P
ROTARY SELECTOR SWITCHES
CS-4-12XTA COILCRAFT-CS-4-12XTA Datasheet
190Kb / 7P
ROTARY SELECTOR SWITCHES
CS-4-12XTB COILCRAFT-CS-4-12XTB Datasheet
190Kb / 7P
ROTARY SELECTOR SWITCHES
More results

Similar Description - CS-4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
ROTARY CODED SWITCHES SMD
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
ROTARY CODED SWITCHES (SMD)
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
ROTARY SELECTOR SWITCHES
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
ROTARY SELECTOR SWITCHES (SMD)
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com