Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7111 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP7111
Description  100-Tap Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7111 Datasheet(HTML) 4 Page - Copal Electronics

  DP7111 Datasheet HTML 1Page - Copal Electronics DP7111 Datasheet HTML 2Page - Copal Electronics DP7111 Datasheet HTML 3Page - Copal Electronics DP7111 Datasheet HTML 4Page - Copal Electronics DP7111 Datasheet HTML 5Page - Copal Electronics DP7111 Datasheet HTML 6Page - Copal Electronics DP7111 Datasheet HTML 7Page - Copal Electronics DP7111 Datasheet HTML 8Page - Copal Electronics DP7111 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DP7111
4
Table 1. OPERATION MODES
INC
CS
U/D
Operation
High to Low
Low
High
Wiper toward RH
High to Low
Low
Low
Wiper toward RL
High
Low to High
X
Store Wiper Position
Low
Low to High
X
No Store, Return to Standby
X
High
X
Standby
Figure 3. Potentiometer Equivalent Circuit
CW
RL
CL
CH
RWB
RWI
RH
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Supply Voltage
VCC to GND
0.5 to +7
V
Inputs
CS to GND
0.5 to VCC +0.5
V
INC to GND
0.5 to VCC +0.5
V
U/D to GND
0.5 to VCC +0.5
V
RH to GND
0.5 to VCC +0.5
V
RL to GND
0.5 to VCC +0.5
V
RWB to GND
0.5 to VCC +0.5
V
Operating Ambient Temperature
ffix)
40 to +85
C
Junction Temperature
+150
C
Storage Temperature
65 to 150
C
Lead Soldering (10 s max)
+300
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
VZAP (Note 1)
ESD Susceptibility
MIL STD 883, Test Method 3015
2000
V
ILTH (Notes 1, 2)
Latch Up
JEDEC Standard 17
100
mA
TDR
Data Retention
MIL STD 883, Test Method 1008
100
Years
NEND
Endurance
MIL STD 883, Test Method 1003
1,000,000
Stores
1. This parameter is tested initially and after a design or process change that affects the parameter.
2. Latch up protection is provided for stresses up to 100 mA on address and data pins from 1 V to VCC + 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com