Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7123 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7123
Description  32-Tap Digital Potentiometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7123 Datasheet(HTML) 2 Page - Copal Electronics

  DP7123 Datasheet HTML 1Page - Copal Electronics DP7123 Datasheet HTML 2Page - Copal Electronics DP7123 Datasheet HTML 3Page - Copal Electronics DP7123 Datasheet HTML 4Page - Copal Electronics DP7123 Datasheet HTML 5Page - Copal Electronics DP7123 Datasheet HTML 6Page - Copal Electronics DP7123 Datasheet HTML 7Page - Copal Electronics DP7123 Datasheet HTML 8Page - Copal Electronics DP7123 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DP7110, DP7118, DP7119, DP7123, DP7124, DP7125
2
GND
H
L
W
Figure 1. Functional Diagram
U/D
CS
VDD
Table 1. PIN DESCRIPTIONS
Pin Number
Pin
Name
Description
DP7110/
DP7125
DP7118/
DP7123
DP7119/
DP7124
1
1
1
VDD
Power Supply
2
2
2
GND
Ground
3
3
3
U/D
Up/Down Control Input. With CS low, a low to high transition increments
or decrements the wiper position.
4
4
4
CS
Chip Select Input. A high to low CS transition determines the mode:
increment if U/D is high, or decrement if U/D is low.
5
L
Low Terminal of Resistor
5
W
Wiper Terminal of Resistor
6
6
6
H
High Terminal of Resistor
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
VDD to GND
0.3 to +6
V
All Other Pins to GND
0.3 to (VDD + 0.3)
V
Input and Output Latch Up Immunity
200
mA
Maximum Continuous Current into H, L and W
100 k
50 k
10 k
0.6
1.3
1.3
mA
Continuous Power Dissipation (TA = +70 C)
5 pin SC 70 (Note 1)
6 pin SC 70 (Note 1)
247
245
mW
Operating Temperature Range
40 to +85
C
Junction Temperature
+150
C
Storage Temperature Range
65 to +150
C
Soldering Temperature (soldering, 10 sec)
+300
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Derate 3.1 mW/ C above TA = +70 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com