Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7124 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP7124
Description  32-Tap Digital Potentiometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7124 Datasheet(HTML) 4 Page - Copal Electronics

  DP7124 Datasheet HTML 1Page - Copal Electronics DP7124 Datasheet HTML 2Page - Copal Electronics DP7124 Datasheet HTML 3Page - Copal Electronics DP7124 Datasheet HTML 4Page - Copal Electronics DP7124 Datasheet HTML 5Page - Copal Electronics DP7124 Datasheet HTML 6Page - Copal Electronics DP7124 Datasheet HTML 7Page - Copal Electronics DP7124 Datasheet HTML 8Page - Copal Electronics DP7124 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DP7110, DP7118, DP7119, DP7123, DP7124, DP7125
4
TYPICAL OPERATING CHARACTERISTICS
(TA = 25 C, unless otherwise noted.)
Figure 2. Wiper Resistance vs. Wiper Position
Figure 3. Change in End to End Resistance
vs. Temperature
(
E
R
U
T
A
R
E
P
M
E
T
N
O
I
T
I
S
O
P
R
E
P
I
W
C)
30
25
20
15
10
5
0
0
20
40
60
100
120
140
160
100
50
0
50
1.5
1.0
0.5
0
0.5
1.0
1.5
Figure 4. W to L Resistance vs. Tap Position
Figure 5. Supply Current vs. Temperature
(
E
R
U
T
A
R
E
P
M
E
T
N
O
I
T
I
S
O
P
P
A
T
C)
29
25
21
17
13
9
5
1
0
20
40
60
80
100
120
150
100
50
0
50
0
0.05
0.15
0.20
0.25
0.30
0.40
0.45
Figure 6. Tap to Tap Switching Transient
80
DP7110/7118/7119
DP7123/7124/7125
VDD = 2.7 V
DP7110/7118/7119
DP7123/7124/7125
31
27
23
19
15
11
7
3
100 k
50 k
10 k
0.10
0.35
VDD = 2.7 V
VDD = 5.5 V
200 ns/div
U/D
2 V/div
WIPER
OUTPUT
100 mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com