Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7115 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7115
Description  32-Tap Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7115 Datasheet(HTML) 2 Page - Copal Electronics

  DP7115 Datasheet HTML 1Page - Copal Electronics DP7115 Datasheet HTML 2Page - Copal Electronics DP7115 Datasheet HTML 3Page - Copal Electronics DP7115 Datasheet HTML 4Page - Copal Electronics DP7115 Datasheet HTML 5Page - Copal Electronics DP7115 Datasheet HTML 6Page - Copal Electronics DP7115 Datasheet HTML 7Page - Copal Electronics DP7115 Datasheet HTML 8Page - Copal Electronics DP7115 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DP7115
2
Functional Diagram
d
e
l
i
a
t
e
D
.
2
e
r
u
g
i
F
l
a
r
e
n
e
G
.
1
e
r
u
g
i
F
Figure 3. Electronic
Potentiometer
Implementation
Control
and
Power On
Recall
GND
GND
RL
RW
RH
VCC
U/D
CS
INC
U/D
CS
INC
VDD
RW/VW
RH/VH
RL/VL
RH
RW
RL
Table 1. PIN DESCRIPTIONS
Name
Function
INC
Increment Control
U/D
Up/Down Control
RH
Potentiometer High Terminal
GND
Ground
RW
Wiper Terminal
RL
Potentiometer Low Terminal
CS
Chip Select
VCC
Supply Voltage
Pin Function
INC: Increment Control Input
The INC input moves the wiper in the up or down direction
determined by the condition of the U/D input.
U/D: Up/Down Control Input
The U/D input controls the direction of the wiper movement.
When in a high state and CS is low, any high to low
transition on INC will cause the wiper to move one
increment toward the RH terminal. When in a low state and
CS is low, any high to low transition on INC will cause the
wiper to move one increment towards the RL terminal.
RH: High End Potentiometer Terminal
RH is the high end terminal of the potentiometer. It is not
required that this terminal be connected to a potential greater
than the RL terminal. Voltage applied to the RH terminal
cannot exceed the supply voltage, VCC or go below ground,
GND.
RW: Wiper Potentiometer Terminal
RW is the wiper terminal of the potentiometer. Its position on
the resistor array is controlled by the control inputs, INC,
U/D and CS. Voltage applied to the RW terminal cannot
exceed the supply voltage, VCC or go below ground, GND.
RL: Low End Potentiometer Terminal
RL is the low end terminal of the potentiometer. It is not
required that this terminal be connected to a potential less
than the RH terminal. Voltage applied to the RL terminal
cannot exceed the supply voltage, VCC or go below ground,
GND. RL and RH are electrically interchangeable.
CS:
Chip Select
The chip select input is used to activate the control input of
the DP7115 and is active low. When in a high state, activity
on the INC and U/D inputs will not affect or change the
position of the wiper.
Device Operation
The DP7115 operates like a digital potentiometer
with RH and RL equivalent to the high and low
terminals
and
RW equivalent to the mechanical
potentiometer s wiper. There are 32 available tap positions
including the resistor end points, RH and RL. There are 31
resistor elements connected in series between the RH and RL
terminals. The wiper terminal is connected to one of the 32
taps and controlled by three inputs, INC,U/D and CS. These
inputs control a five bit up/down counter whose output is
decoded to select the wiper position.
With CS set LOW the DP7115 is selected and will
respond to the U/D and INC inputs. HIGH to LOW
transitions on INC will increment or decrement the wiper
(depending on the state of the U/D input and five bit
counter). The wiper, when at either fixed terminal, acts like
its mechanical equivalent and does not move beyond the last
position. When the DP7115 is powered down, the wiper
position is reset. When power is restored, the counter is set
to the mid point, tap 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com