Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM111H Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM111H
Description  Voltage Comparator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM111H Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM111H Datasheet HTML 7Page - National Semiconductor (TI) LM111H Datasheet HTML 8Page - National Semiconductor (TI) LM111H Datasheet HTML 9Page - National Semiconductor (TI) LM111H Datasheet HTML 10Page - National Semiconductor (TI) LM111H Datasheet HTML 11Page - National Semiconductor (TI) LM111H Datasheet HTML 12Page - National Semiconductor (TI) LM111H Datasheet HTML 13Page - National Semiconductor (TI) LM111H Datasheet HTML 14Page - National Semiconductor (TI) LM111H Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
8.0 Application Hints (Continued)
7.
When both inputs of the LM111 are connected to active
signals, or if a high-impedance signal is driving the
positive input of the LM111 so that positive feedback
would be disruptive, the circuit of Figure 1 is ideal. The
positive feedback is to pin 5 (one of the offset adjust-
ment pins). It is sufficient to cause 1 to 2 mV hysteresis
and sharp transitions with input triangle waves from a
few Hz to hundreds of kHz. The positive-feedback signal
across the 82
Ω resistor swings 240 mV below the posi-
tive supply. This signal is centered around the nominal
voltage at pin 5, so this feedback does not add to the
V
OS of the comparator. As much as 8 mV of VOS can be
trimmed out, using the 5 k
Ω pot and 3 kΩ resistor as
shown.
8.
These application notes apply specifically to the LM111,
LM211, LM311, and LF111 families of comparators, and
are applicable to all high-speed comparators in general,
(with the exception that not all comparators have trim
pins).
00570429
Pin connections shown are for LM111H in the H08 hermetic package
FIGURE 1. Improved Positive Feedback
00570430
Pin connections shown are for LM111H in the H08 hermetic package
FIGURE 2. Conventional Positive Feedback
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com