Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM313 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM313
Description  Reference Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM313 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM313 Datasheet HTML 1Page - National Semiconductor (TI) LM313 Datasheet HTML 2Page - National Semiconductor (TI) LM313 Datasheet HTML 3Page - National Semiconductor (TI) LM313 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
(Note 3)
Power Dissipation (Note 1)
100 mW
Reverse Current
50 mA
Forward Current
50 mA
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature
(Soldering 10 seconds)
300 C
Operating Temperature Range
LM113
b
55 Ctoa125 C
LM313
0 Cto a70 C
Electrical Characteristics (Note 2)
Parameter
Conditions
Min
Typ
Max
Units
Reverse Breakdown Voltage
LM113LM313
IR e 1mA
1160
1220
1280
V
LM113-1
1210
122
1232
V
LM113-2
1195
122
1245
V
Reverse Breakdown Voltage
05 mA s IR s 20 mA
60
15
mV
Change
Reverse Dynamic Impedance
IR e 1 mA
02
10
X
IR e 10 mA
025
08
X
Forward Voltage Drop
IF e 10 mA
067
10
V
RMS Noise Voltage
10 Hz s f s 10 kHz
5
m
V
IR e 1mA
Reverse Breakdown Voltage
05 mA s IR s 10 mA
15
mV
Change with Current
TMIN s TA s TMAX
Breakdown Voltage Temperature
10 mA s IR s 10 mA
001
% C
Coefficient
TMIN s TA s TMAX
Note 1
For operating at elevated temperatures the device must be derated based on a 150 C maximum junction and a thermal resistance of 80 CW junction to
case or 440 CW junction to ambient
Note 2
These specifications apply for TA e 25 C unless stated otherwise At high currents breakdown voltage should be measured with lead lengths less than
inch Kelvin contact sockets are also recommended The diode should not be operated with shunt capacitances between 200 pF and 01 mF unless isolated by at
least a 100X resistor as it may oscillate at some currents
Note 3
Refer to the following RETS drawings for military specifications RETS113-1X for LM113-1 RETS113-2X for LM113-2 or RETS113X for LM113
Typical Performance Characteristics
Temperature Drift
Reverse Dynamic Impedance
Reverse Characteristics
TLH5713 – 3
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com