Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSN1550K Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSN1550K
Description  150V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN1550K Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSN1550K Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN1550K Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN1550K Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN1550K Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN1550K Datasheet HTML 5Page - MORE Semiconductor Company Limited MSN1550K Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Features
● VDS =150V,ID =50A
RDS(ON) <23mΩ @ VGS=10V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Good stability and uniformity with high EAS
● Excellent package for good heat dissipation
● Special process technology for high ESD capability
Application
● Power switching application
● Hard switched and High frequency circuits
● Uninterruptible power supply
Schematic diagram
Marking and pin assignment
TO-220-3L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
TO-220-3L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
50
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
35
A
Pulsed Drain Current
IDM
210
A
Maximum Power Dissipation
PD
220
W
Derating factor
1.47
W/℃
Single pulse avalanche energy (Note 5)
EAS
640
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
MSN1550K
MSN1550K
MSN1550K
150V(D-S) N-Channel Enhancement Mode Power MOS FET
Lead Free
PIN Configuration
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6


Similar Part No. - MSN1550K

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN1502U MORESEMI-MSN1502U Datasheet
501Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1505W MORESEMI-MSN1505W Datasheet
494Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1520D MORESEMI-MSN1520D Datasheet
464Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1540D MORESEMI-MSN1540D Datasheet
470Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN15B0K MORESEMI-MSN15B0K Datasheet
496Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSN1550K

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN06B2K MORESEMI-MSN06B2K Datasheet
478Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN06B5K MORESEMI-MSN06B5K Datasheet
527Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN15B0K MORESEMI-MSN15B0K Datasheet
496Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN15B5H MORESEMI-MSN15B5H Datasheet
482Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0212W MORESEMI-MSN0212W Datasheet
591Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0350D MORESEMI-MSN0350D Datasheet
694Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1502U MORESEMI-MSN1502U Datasheet
501Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1505W MORESEMI-MSN1505W Datasheet
494Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1520D MORESEMI-MSN1520D Datasheet
464Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN1540D MORESEMI-MSN1540D Datasheet
470Kb / 6P
150V(D-S) N-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com