Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-1201MC Datasheet(PDF) 5 Page - Copal Electronics

Part # CSS-1201MC
Description  COMPACT SLIDE SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CSS-1201MC Datasheet(HTML) 5 Page - Copal Electronics

  CSS-1201MC Datasheet HTML 1Page - Copal Electronics CSS-1201MC Datasheet HTML 2Page - Copal Electronics CSS-1201MC Datasheet HTML 3Page - Copal Electronics CSS-1201MC Datasheet HTML 4Page - Copal Electronics CSS-1201MC Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part number Quantity / Stick
Part number
A
W1
W2
N
■ PACKAGING SPECIFICATIONS
40 mm min.
20 pitches min.
400 mm min.
End
Head
Direction of feed
Leader
Empty
Filled
Empty
O Reel dimensions
(Unit: mm)
121
□ TB
φ 330 ± 2
17.4 ± 1
21.4 ± 1
φ 80 ± 1
131
□ TB
φ 330 ± 2
25.4 ± 1
29.4 ± 1
φ 80 ± 1
2
( 0.5
13
( 0.2
q
21
( 0.8
W1
W2
q
Label
Taping version is packaged in 1900 pcs. par reel.
Taping version is boxed with 1 reel (1900 pcs.).
Maximum number of consecutive missing pieces = 2.
Leader length and reel dimension are shown in the diagrams below.
Embossed tape dimensions
3.7
5.8
Top setting
Side setting
Magazine length : 500 2 mm long
1.5
12 0.1
4 0.1
3.4
(CSS-1210B)
0.35 0.1
2 0.1
φ
+0.1
0
Direction of feed
Installation
example
O CSS-121 □ TB
1.5
12 0.1
4 0.1
3.4
(CSS-1310B)
0.35 0.1
2 0.1
φ
+0.1
0
Direction of feed
Installation
example
O CSS-131 □ TB
12
□□
13
□□
53
38
Packing quantity of magazine
CSS
COMPACT SLIDE SWITCHES
22
1
6.3
0.8
φ
+0.05
0
24
2
1
10.2
0.8
φ
+0.05
0
O CSS-121 □ B
O CSS-131 □ B
■ SIZE OF P.C.B. PROCESSING
■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
(Unit : mm)
22
0.6
φ
+0.1
0
22
4
0.6
φ
+0.1
0
22
4
0.6
φ
+0.1
0
O CSS-121 □ C
O CSS-131 □ C
O CSS-130 □ C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com