Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-1211MC Datasheet(PDF) 2 Page - Copal Electronics

Part # CSS-1211MC
Description  COMPACT SLIDE SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CSS-1211MC Datasheet(HTML) 2 Page - Copal Electronics

  CSS-1211MC Datasheet HTML 1Page - Copal Electronics CSS-1211MC Datasheet HTML 2Page - Copal Electronics CSS-1211MC Datasheet HTML 3Page - Copal Electronics CSS-1211MC Datasheet HTML 4Page - Copal Electronics CSS-1211MC Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B(Gull wing)
C(Through hole pins)
B(Gull wing)
C(Through hole pins)
B(Gull wing)
C(Through hole pins)
B(Gull wing)
C(Through hole pins)
B(Gull wing)
C(Through hole pins)
C(Through hole pins)
C(Through hole pins)
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Magazine
Magazine
2
3
Side setting
Side setting
Top setting
No function
Single
No function
Single
Double
No function
Double
No. of contacts
Setting position
Self-return function
Shape of terminal
Form of packaging
Part number
Pieces in package
CSS-1210TB
CSS-1210MC
CSS-1211TB
CSS-1211MC
CSS-1310TB
CSS-1310MC
CSS-1311TB
CSS-1311MC
CSS-1312TB
CSS-1312MC
CSS-1300MC
CSS-1302MC
1,900 pcs./reel
53 pcs./stick
1,900 pcs./reel
53 pcs./stick
1,900 pcs./reel
38 pcs./stick
1,900 pcs./reel
38 pcs./stick
1,900 pcs./reel
38 pcs./stick
38 pcs./stick
38 pcs./stick
■ LIST OF PART NUMBERS
CSS
COMPACT SLIDE SWITCHES
■ STANDARD SPECIFICATIONS
■ ELECTRICAL CHARACTERISTICS
No. of positions
Stroke
Operating force
Stop strength
Solderability
Soldering heat
Shear (Adhesion)
Substrate bending
Pull-off strength
2, 3
2 mm
1 ~ 3.5 N {0.1 ~ 0.36 kgf}
10 N {1.02 kgf} 15 s
245
± 3 °C 2 ~ 3 s
Sn-3Ag-0.5Cu
5 N {0.5 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.5 kgf} 10 s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
Amplitude 1.5 mm or Acceleration 98 m/s
2,
10-500-10 Hz, 3 directions for 10 cycles each
490 m/s
2, 11 ms, 6 directions for 3 times each
Continuous load 10000 cycles,
DC12
± 0.5 V, 100 ± 10 mA
85 °C, 96 h, No load
−40 °C, 96 h, No load
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
■ MECHANICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
{ } : Reference only
Reflow
:250 ~ 255 °C (Peak temperature)
(Please refer to the profile below)
Manual soldering
:350
± 10 °C, 3 ~ 4 s
〈Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0
Operating temp. range
Storage temp. range
Sealing
Net weight
− 20 ~ 70 °C
− 40 ~ 85 °C
Non washable
Approx. 0.11 g (CSS-12), Approx. 0.15 g (CSS-13)
Contact rating
Contact timing
Contact resistance
Insulation resistance
Dielectric strength
Non-switching : DC50 V 100 mA
Switching : DC12 V 100 mA
Minimum : DC20 mV 1 μA
Non-shorting
70 m
Ω maximum
100 M
Ω minimum (DC 500 V)
AC500 V 60 s
40 °C, Relative humidity 90 ~ 95 %, 240 h, No load



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com