Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-1302MC Datasheet(PDF) 1 Page - Copal Electronics

Part # CSS-1302MC
Description  COMPACT SLIDE SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CSS-1302MC Datasheet(HTML) 1 Page - Copal Electronics

  CSS-1302MC Datasheet HTML 1Page - Copal Electronics CSS-1302MC Datasheet HTML 2Page - Copal Electronics CSS-1302MC Datasheet HTML 3Page - Copal Electronics CSS-1302MC Datasheet HTML 4Page - Copal Electronics CSS-1302MC Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O Low-profile of 2 mm
O Self-return type available
O RoHS compliant
■ FEATURES
INTERNAL STRUCTURE
Part name
①
②
③
④
⑤
⑥
⑦
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Return spring
Material
Flammability
UL94V-0
—
—
Stainless steel (SUS 304)
Liquid Crystal polymer
Copper alloy, Gold-plated
SWP
■ PART NUMBER DESIGNATION
C S S - 1 2 1 1 T B
Series name
No. of poles
1:1 pole
No. of contacts
2:2 contacts
3:3 contacts
Setting position
0:Top setting
1:Side setting
Shape of terminal
B:Gull wing
C:Through hole pins
Form of packaging
T:Taping
M
:Magazine
Self-return function
0:No function
1:Single
2:Double
CSS
COMPACT SLIDE SWITCHES
O Mobile stereo · LCD TV · Camcorder
■ APPLICATIONS
RoHS compliant
③
⑤
⑦
①
②
④
⑥


Similar Part No. - CSS-1302MC

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
CSS-1300-101 CONTRINEX-CSS-1300-101 Datasheet
165Kb / 2P
Kapazitiver N채herungsschalter
CSS-1300-103 CONTRINEX-CSS-1300-103 Datasheet
165Kb / 2P
Kapazitiver N채herungsschalter
CSS-1300-111 CONTRINEX-CSS-1300-111 Datasheet
167Kb / 2P
Kapazitiver N채herungsschalter
CSS-1300-203 CONTRINEX-CSS-1300-203 Datasheet
165Kb / 2P
Kapazitiver N채herungsschalter
CSS-1300-211 CONTRINEX-CSS-1300-211 Datasheet
167Kb / 2P
Kapazitiver N채herungsschalter
More results

Similar Description - CSS-1302MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
logo
Tyco Electronics
S-SE MACOM-S-SE Datasheet
370Kb / 5P
Compact Slide Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com