Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8303 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8303
Description  100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8303 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8303 Datasheet HTML 9Page - Linear Technology LT8303 Datasheet HTML 10Page - Linear Technology LT8303 Datasheet HTML 11Page - Linear Technology LT8303 Datasheet HTML 12Page - Linear Technology LT8303 Datasheet HTML 13Page - Linear Technology LT8303 Datasheet HTML 14Page - Linear Technology LT8303 Datasheet HTML 15Page - Linear Technology LT8303 Datasheet HTML 16Page - Linear Technology LT8303 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT8303
13
8303f
For more information www.linear.com/LT8303
Typically, choose the transformer turns ratio to maximize
available output power. For low output voltages (3.3V or
5V), a larger N:1 turns ratio can be used with multiple
primary windings relative to the secondary to maximize
the transformer’s current gain (and output power).
However, remember that the SW pin sees a voltage that
is equal to the maximum input supply voltage plus the
output voltage multiplied by the turns ratio. In addition,
leakage inductance will cause a voltage spike (VLEAKAGE)
on top of this reflected voltage. This total quantity needs
to remain below the 150V absolute maximum rating of
the SW pin to prevent breakdown of the internal power
switch. Together these conditions place an upper limit
on the turns ratio, NPS, for a given application. Choose a
turns ratio low enough to ensure:
NPS <
150V
− VIN(MAX) − VLEAKAGE
VOUT + VF
For lower output power levels, choose a smaller N:1 turns
ratio to alleviate the SW pin voltage stress. Although a
1:N turns ratio makes it possible to have very high output
voltages without exceeding the breakdown voltage of the
internal power switch, the multiplied parasitic capacitance
through turns ratio coupled with the relatively resistive
150V internal power switch may cause the switch turn-on
currentspikeringingbeyond160nsleading-edgeblanking,
thereby producing light load instability in certain applica-
tions. So any 1:N turns ratio should be fully evaluated
before its use with the LT8303.
The turns ratio is an important element in the isolated
feedback scheme, and directly affects the output voltage
accuracy. Make sure the transformer manufacturer speci-
fies turns ratio accuracy within ±1%.
applicaTions inForMaTion
Saturation Current
Thecurrentinthetransformerwindingsshouldnotexceed
itsratedsaturationcurrent.Energyinjectedoncethecoreis
saturated will not be transferred to the secondary and will
instead be dissipated in the core. When designing custom
transformers to be used with the LT8303, the saturation
current should always be specified by the transformer
manufacturers.
Winding Resistance
Resistance in either the primary or secondary windings
will reduce overall power efficiency. Good output voltage
regulation will be maintained independent of winding re-
sistance due to the boundary/discontinuous conduction
mode operation of the LT8303.
Leakage Inductance and Snubbers
Transformer leakage inductance on either the primary or
secondary causes a voltage spike to appear on the primary
after the power switch turns off. This spike is increasingly
prominent at higher load currents where more stored en-
ergy must be dissipated. It is very important to minimize
transformer leakage inductance.
Whendesigninganapplication,adequatemarginshouldbe
kept for the worst-case leakage voltage spikes even under
overload conditions. In most cases shown in Figure 5, the
reflected output voltage on the primary plus VIN should
be kept below 120V. This leaves at least 30V margin for
the leakage spike across line and load conditions. A larger
voltage margin will be required for poorly wound trans-
formers or for excessive leakage inductance.
In addition to the voltage spikes, the leakage inductance
also causes the SW pin ringing for a while after the power
switch turns off. To prevent the voltage ringing falsely trig-
ger boundary mode detector, the LT8303 internally blanks
theboundarymodedetectorforapproximately250ns.Any
remaining voltage ringing after 250ns may turn the power
switch back on again before the secondary current falls
to zero. So the leakage inductance spike ringing should
be limited to less than 250ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com