Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8631 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8631
Description  100V, 1A Synchronous Micropower Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8631 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8631 Datasheet HTML 16Page - Linear Technology LT8631 Datasheet HTML 17Page - Linear Technology LT8631 Datasheet HTML 18Page - Linear Technology LT8631 Datasheet HTML 19Page - Linear Technology LT8631 Datasheet HTML 20Page - Linear Technology LT8631 Datasheet HTML 21Page - Linear Technology LT8631 Datasheet HTML 22Page - Linear Technology LT8631 Datasheet HTML 23Page - Linear Technology LT8631 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT8631
21
8631f
For more information www.linear.com/LT8631
Typical applicaTions
200kHz, 1.8V, 1A Step-Down Converter
5V, Low Ripple 1A Step-Down Converter
1MHz, 24V, 0.5A Step-Down Converter
VIN
LT8631
VIN
6.5V TO 100V
VOUT
5V, 1A
2.2µF
0.1µF 22µH
1M
191k
0.1µF
2.2µF
25.5k
FSW = 400kHz
L: TDK SLF1O145T-22OM1R9
8631 TA05
EN/UV
PG
INTVCC
RT
SYNC/MODE
BST
SW
IND
VOUT
FB
TR/SS
47µF ×4
1210, 16V
47pF
GND
VIN
LT8631
VIN
3V TO 50V
(100V TRANSIENT)
VOUT
1.8V, 1A
2.2µF
33µH
487k
390k
0.1µF
4.7pF
2.2µF
60.4k
FSW = 200kHz
L: WÜRTH 744771133
8631 TA06
EN/UV
PG
INTVCC
RT
SYNC/MODE
BST
SW
IND
VOUT
FB
TR/SS
100µF
1210
6.3V, X7R
0.1µF
GND
VIN
LT8631
VIN
25V TO 100V
VOUT
24V, 0.5A
2.2µF
22µH
953k
33k
0.1µF
4.7pF
2.2µF
8.66k
FSW = 1MHz
L: TDK SLF1O145T-22OM1R9
8631 TA07
EN/UV
PG
INTVCC
RT
SYNC/MODE
BST
SW
IND
VOUT
FB
TR/SS
22µF
1210
25V, X7R
0.1µF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com