Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL2FP Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 2CL2FP
Description  HIGH VOLTAGE RECTIFIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

2CL2FP Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  2CL2FP Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL2FP
CURRENT: 100m
A
VOLTAGE RANGE: 30 KV
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Ta=25°C,Resistive Load
100
125
125
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Maximum Forward Voltage Drop
Maximum Reverse Current
VF
IR1
IR2
at 25°C,IF =100mA
at 25°C,VR
at 100°C,V
V
uA
uA
R
Storage Temperature
T stg
Outline Drawings : mm
25 min.
25 min.
15
o 4.2
o 0.8
Cathode Mark
Lot No.
15
2CL2FP
52
50
2.0
10
30
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
=VRRM
R
=VRRM
100
nS
DO-415
Maximum Reverse Recovery Time
Trr
at 25°C
Junction Capacitance
Cj
at 25°C,V =0V,f=1MHz
Characteristic
Features
Applications
Maximum Ratings TA = 25°C unless otherwise specified
HIGH VOLTAGE RECTIFIER DIODES


Similar Part No. - 2CL2FP

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FP GETEDZ-2CL2FP Datasheet
63Kb / 1P
30kV 100mA HIGH VOLTAGE DIODE
2CL2FP GETEDZ-2CL2FP Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
logo
Shenzhen Luguang Electr...
2CL2FP LUGUANG-2CL2FP Datasheet
224Kb / 2P
Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL2FP YFWDIODE-2CL2FP Datasheet
375Kb / 2P
Fast recovery high voltage diodes
logo
Shanghai Shunye Electro...
2CL2FP SHUNYE-2CL2FP Datasheet
241Kb / 2P
Fast Recovery High Voltage Diodes
V2.22
More results

Similar Description - 2CL2FP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
HVR230 EIC-HVR230 Datasheet
32Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
R5000F SUNMATE-R5000F Datasheet
255Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com