Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-4-13XC Datasheet(PDF) 2 Page - Copal Electronics

Part # CS-4-13XC
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-4-13XC Datasheet(HTML) 2 Page - Copal Electronics

  CS-4-13XC Datasheet HTML 1Page - Copal Electronics CS-4-13XC Datasheet HTML 2Page - Copal Electronics CS-4-13XC Datasheet HTML 3Page - Copal Electronics CS-4-13XC Datasheet HTML 4Page - Copal Electronics CS-4-13XC Datasheet HTML 5Page - Copal Electronics CS-4-13XC Datasheet HTML 6Page - Copal Electronics CS-4-13XC Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
■ SCHEMATICS DIAGRAMS
O 1 pole 2 contacts
Series
CS-4-12YA
 〃 YTA
 〃 YB
 〃 YTB
 〃 YC
CS-4-12XA
 〃 XTA
 〃 XB
 〃 XTB
 〃 XC
CS-4-14NA
 〃 NTA
 〃 NB
 〃 NTB
Switching specifications
Schematic
C
1
2
C
1
2
C
2
ON
1
2
1
ON
C
C
ON
C
2
OFF
C
1
2
ON
1
C
Series
CS-4-13NA
 〃 NTA
 〃 NB
 〃 NTB
Switching specifications
Schematic
C
1
3
2
C
3
ON
C
2
ON
C
C
1
1
3
2
ON
O 1 pole 3 contacts
O 1 pole 4 contacts
Series
CS-4-22YA
 〃 YTA
 〃 YB
 〃 YTB
Switching specifications
Schematic
1
C
2
2
C
1
C
2
C
2
ON
OFF
C
2
1
C
2
1
C
C
1
ON
1
O 2 poles 2 contacts
■ LIST OF PART NUMBERS
Circuit type
1 pole
2 contacts
1 pole 3 contacts
1 pole 4 contacts
2 poles 2 contacts
With neutral detent
Without neutral detent
Form of packaging
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
Taping
Plastic bag
A
J-hook
CS-4-12YTA
CS-4-12YTB
500 pcs. /reel
CS-4-12YA
CS-4-12YB
CS-4-12YC
50 pcs./pack
CS-4-12XTA
CS-4-12XTB
500 pcs./reel
CS-4-12XA
CS-4-12XB
CS-4-12XC
50 pcs./pack
CS-4-13NTA
CS-4-13NTB
500 pcs./reel
CS-4-13NA
CS-4-13NB
50 pcs./pack
CS-4-14NTA
CS-4-14NTB
500 pcs./reel
CS-4-14NA
CS-4-14NB
50 pcs./pack
CS-4-22YTA
CS-4-22YTB
500 pcs./reel
CS-4-22YA
CS-4-22YB
50 pcs./pack
B
Gull wing
C
Through hole pin
Pieces in package
: Not manufactured
※ Verify the above part numbers when placing orders.
Taping version can be supplied only in reel unit.
CS-4
ROTARY SELECTOR SWITCHES (SMD)
Series
Switching specifications
Schematic
C
1
3
4
NC
2
C
ON
1
1
3
2
4
C
C
ON
2
C
ON
3
C
ON
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com