Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5000F Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # R5000F
Description  HIGH VOLTAGE RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

R5000F Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  R5000F Datasheet HTML 1Page - SUNMATE electronic Co., LTD R5000F Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE: 4000 - 5000V
CURRENT: 0.2 A
R4000F - R5000F
HIGH VOLTAGE RECTIFIER DIODES
Features
Low cos t
Low leakage
Low forward voltage drop
High current capability
Easily cleaned with alcohol,Isopropanol
and sim ilar s olvents
!
!
!
!
!
!
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 0.2A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Operating junction temperature range
TJ
Storage temperature range
TSTG
- 55 ---- + 150
NOTE: 1. Measured with I
F=0.5A, I R=1A, Irr=0. 25A.
100.0
- 55 ---- + 150
A
5.0
IF(AV)
0.2
A
A
30.0
IFSM
IR
500
15
2. Measured at 1.0MH
Z and applied rev ers e v olt age of 4. 0V D C .
6.5
4000
2800
5000
3500
Characteristic
Symbol
Unit
4000
5000
R4000F
R5000F
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
—
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Case: DO-15, Molded Plastic
Mechanical Data


Similar Part No. - R5000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R5000F RECTRON-R5000F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Dc Components
R5000F DCCOM-R5000F Datasheet
401Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
R5000F LRC-R5000F Datasheet
29Kb / 1P
HIGH VOLTAGE FAST RECOVERY DIODES
logo
Micro Commercial Compon...
R5000F MCC-R5000F Datasheet
67Kb / 3P
0.2mA Fast Recovery High Voltage Rectifier 3500 - 6000 Volts
logo
List of Unclassifed Man...
R5000F ETC-R5000F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - R5000F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
HVR230 EIC-HVR230 Datasheet
32Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL76 SUNMATE-2CL76 Datasheet
205Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com