Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8080-2EM Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8080-2EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080-2EM Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8080-2EM Datasheet HTML 17Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 18Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 19Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 20Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 21Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 22Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 23Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 24Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TLE8080EM
Variable Reluctance Sensor ( VRS ) Interface
Data Sheet
21
Rev. 1.1, 2012-10-19
7
Variable Reluctance Sensor ( VRS ) Interface
The variable reluctance (VR) sensor interface converts an output signal of a VR sensor into a logic level signal
suited for µC 5V input ports. The voltage difference between the two input pins, VR_IN1 and VR_IN2, which are
connected to the two output pins of the VR sensor, is detected and the output pin VR_OUT is switched depending
on the sign of the voltage difference ( see Figure 12 )The amplitude of the VR sensor signal is limited by an internal
clamping circuit to avoid damage of the device due to over voltage caused by the VR sensor signal.
Figure 11
VR Sensor Interface Block Diagram
Clamp
&
Load
Detection
VR_OUT
2,5V
Buffer
Select Load
Select Threshold
VR_IN1
VR_IN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com