Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM319AM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM319AM
Description  High Speed Dual Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM319AM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM319AM Datasheet HTML 1Page - National Semiconductor (TI) LM319AM Datasheet HTML 2Page - National Semiconductor (TI) LM319AM Datasheet HTML 3Page - National Semiconductor (TI) LM319AM Datasheet HTML 4Page - National Semiconductor (TI) LM319AM Datasheet HTML 5Page - National Semiconductor (TI) LM319AM Datasheet HTML 6Page - National Semiconductor (TI) LM319AM Datasheet HTML 7Page - National Semiconductor (TI) LM319AM Datasheet HTML 8Page - National Semiconductor (TI) LM319AM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM119/LM219/LM319
High Speed Dual Comparator
General Description
The LM119 series are precision high speed dual compara-
tors fabricated on a single monolithic chip. They are de-
signed to operate over a wide range of supply voltages down
to a single 5V logic supply and ground. Further, they have
higher gain and lower input currents than devices like the
LM710. The uncommitted collector of the output stage
makes the LM119 compatible with RTL, DTL and TTL as well
as capable of driving lamps and relays at currents up to 25
mA.
The LM319A offers improved precision over the standard
LM319, with tighter tolerances on offset voltage, offset cur-
rent, and voltage gain.
Features
n Two independent comparators
n Operates from a single 5V supply
n Typically 80 ns response time at ±15V
n Minimum fan-out of 2 each side
n Maximum input current of 1 µA over temperature
n Inputs and outputs can be isolated from system ground
n High common mode slew rate
Although designed primarily for applications requiring opera-
tion from digital logic supplies, the LM119 series are fully
specified for power supplies up to ±15V. It features faster re-
sponse than the LM111 at the expense of higher power dis-
sipation. However, the high speed, wide operating voltage
range and low package count make the LM119 much more
versatile than older devices like the LM711.
The LM119 is specified from −55˚C to +125˚C, the LM219 is
specified from −25˚C to +85˚C, and the LM319A and LM319
are specified from 0˚C to +70˚C.
Connection Diagram
Dual-In-Line Package
DS005705-4
Note 1: Also available per SMD# 8601401 or JM38510/10306
Top View
Order Number LM119J, LM119J/883 (Note 1),
LM219J, LM319J, LM319AM, LM319M,
LM319AN or LM319N
See NS Package Number J14A, M14A or N14A
May 1999
© 1999 National Semiconductor Corporation
DS005705
www.national.com


Similar Part No. - LM319AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM319AM TI1-LM319AM Datasheet
1Mb / 21P
High Speed Dual Comparator
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
High Speed Dual Comparator
LM319AM/NOPB TI1-LM319AM/NOPB Datasheet
1Mb / 21P
High Speed Dual Comparator
LM319AM/NOPB TI2-LM319AM/NOPB Datasheet
935Kb / 27P
LMx19 High Speed Dual Comparator
REVISED JANUARY 2016
LM319AM/NOPB.B TI2-LM319AM/NOPB.B Datasheet
935Kb / 27P
LMx19 High Speed Dual Comparator
REVISED JANUARY 2016
More results

Similar Description - LM319AM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
HIGH SPEED DUAL COMPARATOR
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
Dual 8ns High-Speed Comparator
June 14, 2001
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
High Speed Dual Comparator
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
LM119QML High Speed Dual Comparator
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
LM119QML High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
High Speed Dual Comparator
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com