Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS021 Datasheet(PDF) 3 Page - International Rectifier

Part # IPS021
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS021 Datasheet(HTML) 3 Page - International Rectifier

  IPS021 Datasheet HTML 1Page - International Rectifier IPS021 Datasheet HTML 2Page - International Rectifier IPS021 Datasheet HTML 3Page - International Rectifier IPS021 Datasheet HTML 4Page - International Rectifier IPS021 Datasheet HTML 5Page - International Rectifier IPS021 Datasheet HTML 6Page - International Rectifier IPS021 Datasheet HTML 7Page - International Rectifier IPS021 Datasheet HTML 8Page - International Rectifier IPS021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IPS021(S)
www.irf.com
3
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Tsd
Over temperature threshold
—
165
—
oC
See fig. 1
Isd
Over current threshold
4
5.5
7
A
See fig. 1
Vreset
IN protection reset threshold
1.5
2.3
3
V
Treset
Time to reset protection
2
10
40
µs
Vin = 0V, Tj = 25
oC
EOI_OT
Short circuit energy (see application note)
—
400
—
µJVcc = 14V
Protection Characteristics
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rds(on)
ON state resistance Tj = 25
oC
100
130
150
Tj = 150
oC
—
220
280
Idss 1
Drain to source leakage current
0
0.01
25
Vcc = 14V, Tj = 25
oC
Idss 2
Drain to source leakage current
0
0.1
50
Vcc = 40V, Tj = 25
oC
V clamp 1 Drain to source clamp voltage 1
48
54
56
Id = 20mA (see Fig.3 & 4)
V clamp 2 Drain to source clamp voltage 2
50
56
60
Vin clamp IN to source clamp voltage
7
8
9.5
Iin = 1 mA
Vth
IN threshold voltage
1
1.5
2
Id = 50mA, Vds = 14V
Iin, -on
ON state IN positive current
25
90
200
Vin = 5V
Iin, -off
ON state IN positive current
50
130
250
Vin = 5V
over-current triggered
Static Electrical Characteristics
Standard footprint 70
µm copper thickness. Tj = 25oC (unless otherwise specified.)
m
Ω Vin = 5V, Ids = 1A
Id=Ishutdown (see Fig.3 & 4)
µA
V
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 10Ω, Rinput = 50Ω, 100µs pulse, Tj = 25
oC, (unless otherwise specified).
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Ton
Turn-on delay time
0.15
0.5
1
Tr
Rise time
0.4
0.9
2
Trf
Time to (final Rds(on) 1.3)
2
6
12
Toff
Turn-off delay time
0.8
2
3.5
Tf
Fall time
0.5
1.3
2.5
Qin
Total gate charge
—
3.3
—
nC
Vin = 5V
See figure 2
See figure 2
µs
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com