Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05010WAHT Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PTH05010WAHT
Description  Embedded Power for Business-Critical Continuity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH05010WAHT Datasheet(HTML) 2 Page - Artesyn Technologies

  PTH05010WAHT Datasheet HTML 1Page - Artesyn Technologies PTH05010WAHT Datasheet HTML 2Page - Artesyn Technologies PTH05010WAHT Datasheet HTML 3Page - Artesyn Technologies PTH05010WAHT Datasheet HTML 4Page - Artesyn Technologies PTH05010WAHT Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev.3.23.09_55
PTH05010Series
2of5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
EnvironmentalSpecifications
Thermalperformance:
(SeeNote2,page3)
Operatingambient,temperature
Non-operating
-40°Cto+85°C
-40°Cto+125°C
MSL(‘Z’suffixonly):
JEDECJ-STD-020C
Level3
EMCCharacteristics
Electrostaticdischarge:
EN61000-4-2,IEC801-2
Conductedimmunity:
EN61000-4-6
Radiatedimmunity:
EN61000-4-3
GeneralSpecifications
Efficiency:
Seeefficiencytableonpage3
95%max
Insulationvoltage:
Non-Isolated
Switchingfrequency:
275kHzto325kHz
Approvalsandstandards:
EN60950,UL/cUL60950
Materialflammability:
UL94V-0
Dimensions:
(LxWxH)
34.80x15.75x9.00mm
1.370x0.620x0.354in
Weight:
5g(0.18oz)
MTBF:
TelcordiaSR-332
7,092,000hours
Protection
Shortcircuit:
Autoreset
27.5Atyp.
Thermal:
Autorecovery
SpecificationsContinued



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com