Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CS Datasheet(PDF) 9 Page - ON Semiconductor

Part # AR0130CS
Description  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AR0130CS Datasheet HTML 5Page - ON Semiconductor AR0130CS Datasheet HTML 6Page - ON Semiconductor AR0130CS Datasheet HTML 7Page - ON Semiconductor AR0130CS Datasheet HTML 8Page - ON Semiconductor AR0130CS Datasheet HTML 9Page - ON Semiconductor AR0130CS Datasheet HTML 10Page - ON Semiconductor AR0130CS Datasheet HTML 11Page - ON Semiconductor AR0130CS Datasheet HTML 12Page - ON Semiconductor AR0130CS Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
9
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Pixel Data Format
Pixel Data Format
Pixel Array Structure
The AR0130 pixel array is configured as 1412 columns by 1028 rows, (see Figure 5). The
dark pixels are optically black and are used internally to monitor black level. Of the right
108 columns, 64 are dark pixels used for row noise correction. Of the top 24 rows of
pixels, 12 of the dark rows are used for black level correction. There are 1296 columns by
976 rows of optically active pixels. While the sensor's format is 1280 x 960, the additional
active columns and active rows are included for use when horizontal or vertical mirrored
readout is enabled, to allow readout to start on the same pixel. The pixel adjustment is
always performed for monochrome or color versions. The active area is surrounded with
optically transparent dummy pixels to improve image uniformity within the active area.
Not all dummy pixels or barrier pixels can be read out.
Figure 5:
Pixel Array Description
2 light dummy + 4 barrier + 24 dark + 4 barrier + 6 dark dummy
Dark pixel
Barrier pixel
Light dummy
pixel
Active pixel
2 light dummy + 4 barrier + 6 dark dummy
1412
2 light dummy + 4 barrier
2 light dummy + 4 barrier + 100 dark + 4 barrier
1028
1296 x 976 (1288 x 968 active)
4.86 x 3.66 mm2 (4.83 x 3.63 mm2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com