Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0135CS Datasheet(PDF) 2 Page - ON Semiconductor

Part # AR0135CS
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0135CS Datasheet(HTML) 2 Page - ON Semiconductor

  AR0135CS Datasheet HTML 1Page - ON Semiconductor AR0135CS Datasheet HTML 2Page - ON Semiconductor AR0135CS Datasheet HTML 3Page - ON Semiconductor AR0135CS Datasheet HTML 4Page - ON Semiconductor AR0135CS Datasheet HTML 5Page - ON Semiconductor AR0135CS Datasheet HTML 6Page - ON Semiconductor AR0135CS Datasheet HTML 7Page - ON Semiconductor AR0135CS Datasheet HTML 8Page - ON Semiconductor AR0135CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
AR0135CS
www.onsemi.com
2
ORDERING INFORMATION
Table 2. ORDERABLE PART NUMBERS
Part Number
Description
Orderable Product Attribute Description
AR0135CS2M00SUD20
Mono, 0
° CRA, Bare Die
AR0135CS2M00SUEA0−DPBR
Mono, 0
° CRA, IBGA
Dry Pack with Protective Film, Double Side BBAR Glass
AR0135CS2M00SUEA0−DPBR1
Mono, 0
° CRA, IBGA
Dry Pack with Protective Film, Double Side BBAR Glass,
MPQ = 260
AR0135CS2M00SUEA0−DRBR
Mono, 0
° CRA, IBGA
Dry Pack without Protective Film, Double Side BBAR Glass
AR0135CS2M00SUEA0−DRBR1
Mono, 0
° CRA, IBGA
Dry Pack without Protective Film, Double Side BBAR Glass,
MPQ = 260
AR0135CS2M00SUEA0−TPBR
Mono, 0
° CRA, IBGA
Tape & Reel with Protective Film, Double Side BBAR Glass
AR0135CS2M00SUEA0−TRBR
Mono, 0
° CRA, IBGA
Tape & Reel without Protective Film, Double Side BBAR Glass
AR0135CS2M00SUEAH3−GEVB
Mono, 0
° CRA, Head Board
AR0135CS2M25SUD20
Mono, 25
° CRA, Die
AR0135CS2M25SUEA0−DPBR
Mono, 25
° CRA, IBGA
Dry Pack with Protective Film, Double Side BBAR Glass
AR0135CS2M25SUEA0−DPBR1
Mono, 25
° CRA, IBGA
Dry Pack with Protective Film, Double Side BBAR Glass,
MPQ = 260
AR0135CS2M25SUEA0−DRBR
Mono, 25
° CRA, IBGA
Dry Pack without Protective Film, Double Side BBAR Glass
AR0135CS2M25SUEA0−DRBR1
Mono, 25
° CRA, IBGA
Dry Pack without Protective Film, Double Side BBAR Glass,
MPQ = 260
AR0135CS2M25SUEA0−TPBR
Mono, 25
° CRA, IBGA
Tape & Reel with Protective Film, Double Side BBAR Glass
AR0135CS2M25SUEA0−TRBR
Mono, 25
° CRA, IBGA
Tape & Reel without Protective Film, Double Side BBAR Glass
AR0135CS2M25SUEAH3−GEVB
Mono, 25
° CRA, Head Board
AR0135CS2C00SUD20
Color, 0
° CRA, Die
AR0135CS2C00SUEA0−DPBR
Color, 0
° CRA, IBGA
Dry Pack with Protective Film, Double Side BBAR Glass
AR0135CS2C00SUEA0−DPBR1
Color, 0
° CRA, IBGA
Dry Pack with Protective Film, Double Side BBAR Glass,
MPQ = 260
AR0135CS2C00SUEA0−DRBR
Color, 0
° CRA, IBGA
Dry Pack without Protective Film, Double Side BBAR Glass
AR0135CS2C00SUEA0−DRBR1
Color, 0
° CRA, IBGA
Dry Pack without Protective Film, Double Side BBAR Glass,
MPQ = 260
AR0135CS2C00SUEA0−TPBR
Color, 0
° CRA, IBGA
Tape and Reel with Protective Film, Double Side BBAR Glass
AR0135CS2C00SUEA0−TRBR
Color, 0
° CRA, IBGA
Tape and Reel without Protective Film, Double Side BBAR
Glass
AR0135CS2C00SUEAH3−GEVB
Color, 0
° CRA, Head Board
GENERAL DESCRIPTION
The AR0135CS from ON Semiconductor can be operated
in its default mode or programmed for frame size, exposure,
gain, and other parameters. The default mode output is
a full-resolution image at 54 frames per second (fps). It
outputs 12-bit raw data, using either the parallel or serial
(HiSPi) output ports. The device may be operated in video
(master) mode or in frame trigger mode.
FRAME_VALID and LINE_VALID signals are output on
dedicated pins, along with a synchronized pixel clock.
A dedicated FLASH pin can be programmed to control
external LED or flash exposure illumination.
The AR0135CS includes additional features to allow
application-specific tuning: windowing, adjustable auto-
exposure control, auto black level correction, on-board
temperature sensor, and row skip and digital binning modes.
The sensor is designed to operate in a wide temperature
range (–30
°C to +80°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com