Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0230CS Datasheet(PDF) 9 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 5Page - ON Semiconductor AR0230CS Datasheet HTML 6Page - ON Semiconductor AR0230CS Datasheet HTML 7Page - ON Semiconductor AR0230CS Datasheet HTML 8Page - ON Semiconductor AR0230CS Datasheet HTML 9Page - ON Semiconductor AR0230CS Datasheet HTML 10Page - ON Semiconductor AR0230CS Datasheet HTML 11Page - ON Semiconductor AR0230CS Datasheet HTML 12Page - ON Semiconductor AR0230CS Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AR0230CS/D Rev. 9, 6/16 EN
9
©Semiconductor Components Industries, LLC,2016.
AR0230CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Functional Overview
Table 3:
Pin Descriptions, 80-ball iBGA
Name
iBGA Pin
Type
Description
SLVS0_P
A2
Output HiSPi serial data, lane 0, differential P.
SLVS1_P
A3
Output HiSPi serial data, lane 1, differential P.
SLVSC_P
A4
Output HiSPi serial DDR clock differential P.
SLVS2_P
A5
Output HiSPi serial data, lane 2, differential P.
SLVS3_P
A6
Output HiSPi serial data, lane 3, differential P.
VDD_PLL
B1
Power
PLL power.
SLVS0_N
B2
Output HiSPi serial data, lane 0, differential N.
SLVS1_N
B3
Output HiSPi serial data, lane 1, differential N.
SLVSC_N
B4
Output HiSPi serial DDR clock differential N.
SLVS2_N
B5
Output HiSPi serial data, lane 2, differential N.
SLVS3_N
B6
Output HiSPi serial data, lane 3, differential N.
SHUTTER
B9
Output Control for external mechanical shutter. Can be left floating if not used.
VAA
C1, G1, D9, F9
Power
Analog power.
AGND
C2, G2, D8, E8, F8
Power
Analog ground.
VDD_SLVS
C4
Power
0.3V-0.6V or 1.7V - 1.9V port to HiSPi Output Driver. Set the High_VCM
(R0x306E[9]) bit to 1 when configuring VDD_SLVS to 1.7 – 1.9V.
VDD
C5, J5, A9, H9, A7, D1, F1
Power
Digital power.
Reserved
C9, F7
DGND
B7, C7, D7, E7, G7, B8, C8, G8,
D2, E2, F2, H2, C3, G3, H3, C6,
J6
Power
Digital ground.
EXTCLK
D3
Input
External input clock.
PIXCLK
D4
Output Pixel clock out. Dout is valid on rising edge of this clock.
SADDR
D5
Input
Two-Wire Serial address select. 0: 0x20. 1: 0x30
TRIGGER
D6
Input
Exposure synchronization input.
VAA_PIX
E9
Power
Pixel power.
VDD_IO
E1, H1, J2, J7, A8, G9, J9
Power
I/O supply power.
SDATA
E3
I/O
Two-Wire Serial data I/O.
FLASH
E4
Output Flash control output.
FRAME_VALID
E5
Output Asserted when Dout frame data is valid.
SCLK
E6
Input
Two-Wire Serial clock input.
DOUT11
F3
Output Parallel pixel data output (MSB)
DOUT10
F4
Output Parallel pixel data output.
DOUT9F5
Output Parallel pixel data output.
LINE_VALID
F6
Output Asserted when Dout line data is valid.
DOUT8G4
Output Parallel pixel data output.
DOUT7G5
Output Parallel pixel data output.
DOUT6G6
Output Parallel pixel data output.
DOUT5H4
Output Parallel pixel data output.
DOUT4H5
Output Parallel pixel data output.
DOUT3H6
Output Parallel pixel data output.
RESET_BAR
H7
Input
Asynchronous reset (active LOW). All settings are restored to factory
default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com