Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW3602 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # IW3602
Description  AC/DC Digital Power Controller for Dimmable LED Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3602 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button IW3602 Datasheet HTML 9Page - Dialog Semiconductor IW3602 Datasheet HTML 10Page - Dialog Semiconductor IW3602 Datasheet HTML 11Page - Dialog Semiconductor IW3602 Datasheet HTML 12Page - Dialog Semiconductor IW3602 Datasheet HTML 13Page - Dialog Semiconductor IW3602 Datasheet HTML 14Page - Dialog Semiconductor IW3602 Datasheet HTML 15Page - Dialog Semiconductor IW3602 Datasheet HTML 16Page - Dialog Semiconductor IW3602 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
iW3602
AC/DC Digital Power Controller for
Dimmable LED Drivers
Rev. 1.0
iW3602
© 2015 Dialog Semiconductor (UK) Ltd.
Datasheet
13 of 19
below the UVLO threshold, the controller resets itself and
then initiates a new soft-start cycle.
Under a fault condition, the controller tries to start-up for
three consecutive times. If all three start-up attempts fail,
the controller enters an inactive mode, during which the
controller does not respond to VCC power-on requests. The
controller is activated again after it sees 29 start-up attempts.
The controller can also be reset to the initial condition if VCC
is discharged. Typically, this extended discharge time is
around 3 to 5 seconds.
This extended discharge time allows the iW3602 to support
hot-plug LED modules without causing dangerously high
output voltages while maintaining a quick recovery.
9.11 PCL, OC and SRS Protection
Peak-current limit (PCL), over-current protection (OCP) and
sense-resistor short protection (SRSP) are features built-
into the iW3602. With the ISENSE pin the iW3602 is able to
monitor the primary peak current. This allows for cycle by
cycle peak current control and limit. When the primary peak
current multiplied by the ISENSE sense resistor is greater
than VOCP over-current protection is engaged and the IC
immediately turns off the gate drive until the next cycle. The
output driver continues to send out switching pulses; the IC
immediately turns off the gate drive if the OCP threshold is
reached again.
If the ISENSE sense resistor is shorted there is a potential
danger of the over-current condition not being detected.
Thus the IC is designed to detect this sense-resistor-short
fault after the start-up, and shut down immediately. The
VCC is discharged since the IC remains biased. In order
to prevent overcharging the output voltage, the iW3602
employs an extended discharge time before restart, similar
to the discharge time described in section 9.10.
9.12 Over-Temperature Protection
If an NTC thermistor is connected from the VT pin to GND
then, the iW3602 is able to detect and protect against an
over temperature event (OTP).
The iW3602 provides a current (IVT) to the VT pin and detects
the voltage on the pin. Based on this voltage the iW3602
can monitor the temperature on the NTC thermistor. As the
VT pin voltage reduces, the iW3602 reduces the amount of
chopping and the output current according to Figure 9.12.
There is a hysteresis of 84mV on VT pin voltage for each
power limiting step.
VT Pin Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
VT Pin Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
a) V
T from 1.0 V to 0.0 V
b) V
T from 0.0 V to 1.0 V
Figure 9.12 : VT Pin Voltage vs. % of Nominal Output Current
VT from 1.0V to 0.0V
VT Pin Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
Figure 9.13 : VT Pin Voltage vs. % of Nominal Output Current
VT from 0.0V to 1.0V
When the VT pin voltage reaches VP-LIM(HI) the output current
begins to reduce as shown in Figure 9.12. At VP-LIM(LO) the
output current reduces to 1%. The device can be placed in
shutdown mode by pulling the VT pin to ground or below
VSH-TH.
9.13 Thermal Design
Note: This section only applies to iW3602-01 and -03.
The iW3602 is typically installed inside a small enclosure,
where space and air volumes are constrained. Under these
circumstances θJA (thermal resistance, junction to ambient)
measurements do not provide useful information for this
type of application. Instead we have provided ψJB which
estimates the increase in die junction temperature relative to
the PCB surface temperature. Figure 9.14 shows the PCB
surface temperature is measured at the IC’s GND pin pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com