Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW7032 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # IW7032
Description  32-Channel LED Driver for LCD Panel Backlighting
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7032 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button IW7032 Datasheet HTML 17Page - Dialog Semiconductor IW7032 Datasheet HTML 18Page - Dialog Semiconductor IW7032 Datasheet HTML 19Page - Dialog Semiconductor IW7032 Datasheet HTML 20Page - Dialog Semiconductor IW7032 Datasheet HTML 21Page - Dialog Semiconductor IW7032 Datasheet HTML 22Page - Dialog Semiconductor IW7032 Datasheet HTML 23Page - Dialog Semiconductor IW7032 Datasheet HTML 24Page - Dialog Semiconductor IW7032 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
iW7032
32-Channel LED Driver for LCD Panel Backlighting
Rev. 1.3
iW7032
Page 21
Definition
Access
Description
Initial One-Time Update Control Registers (cont’d)
bg_cfg
R/W
The number of LED channels in one Boost/Buck Group
0: 16 LED channels in one Boost/Buck Group (default)
1: 17 - 32 LED channels in one Boost/Buck Group
lu_c0[9:0]
lu_c1[11:0]
R/W
The 1st (2 term) order LED current to luminance nonlinear transfer function
coefficient.
The transfer function is:
10
_
( )
f
f
Lum Flux I
C I
C
=
+
lu_c0 default: 57; lu_c1 default: 1461
Status Registers
led_short
R
Status bit for the 32 LED channels. If any LED pin has a voltage higher than 5.5v,
this means two or more LEDs in this LED string have been shorted together. The
led_short bit will be set and the corresponding LED driver will then be disabled.
led_short_idx[4:0]
R
The latest shorted LED channel index
led_open
R
Status bit for the 32 LED channels. While iW7032 is working, if some LED string
is suddenly open and its corresponding LED driver senses no current at all, the
led_open bit will be set and the LED driver will be disabled instead of requesting
higher voltage from Boost/Buck.
led_open_idx[4:0]
R
The latest open LED channel index
ot
R
Status bit if over temperature fault happens.
init_done
R
Status bit for IC initialization is done; software starts to program the initial one-
time control registers to configure the IC.
cali_done
R
Status bit for IC calibration is done; software starts to program the 32-channel
real-time registers
ch_en[31:0]
R
Status bit for each of the 32 LED channels. It is used to flag if any LED channel
is either enabled (1) or disabled (0) from fault detections.
Idac1[3:0] : Idac32[3:0]
R
4-bit current DAC value for each LED channels
vdac1[7:0]
R
8-bit Boost/Buck voltage DAC value for the first external Boost/Buck converter
vdac2[7:0]
R
8-bit Boost/Buck voltage DAC value for the second external Boost/Buck converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com