Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET115D13-Z Datasheet(PDF) 3 Page - Copal Electronics

Part # ET115D13-Z
Description  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET115D13-Z Datasheet(HTML) 3 Page - Copal Electronics

  ET115D13-Z Datasheet HTML 1Page - Copal Electronics ET115D13-Z Datasheet HTML 2Page - Copal Electronics ET115D13-Z Datasheet HTML 3Page - Copal Electronics ET115D13-Z Datasheet HTML 4Page - Copal Electronics ET115D13-Z Datasheet HTML 5Page - Copal Electronics ET115D13-Z Datasheet HTML 6Page - Copal Electronics ET115D13-Z Datasheet HTML 7Page - Copal Electronics ET115D13-Z Datasheet HTML 8Page - Copal Electronics ET115D13-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Part No.
Appearance
No. of
poles
Rating
Switching function
Terminal style
Page
ET325
3
AC125V 25A
AC250V 15A
ON
ON
ON
−
−
− OFF −
OFF
ON
ON
Solder
424
ET425
4
427
ET206
2
AC125V
6A
ON
−
OFF Solder
421
AC125V
6A
AC250V
2A
ON
−
ON
ET220
2
AC125V 20A
AC250V 12A
ON
ON
OFF
ON
ON
ON
(ON)
ON
−
−
−
−
− OFF −
−
− OFF −
− OFF −
OFF
(OFF)
(ON)
ON
ON
(ON)
(ON)
(ON)
TAB # 250
Screw(M4×0.7)
Solder
423
ET230
2
AC125V 30A
AC250V 25A
ON
ON
ON
−
−
− OFF −
OFF
ON
ON
Screw(M4.5×0.75)
423
ET330
3
Solder
425
ET310
3
AC125V 10A
AC250V
7A
ON
ON
ON
−
−
− OFF −
OFF
ON
ON
TAB # 250
Solder
424
ET410
4
Solder
425
ET410
Plate type
ON
(ON)
ON
−
− OFF −
− OFF −
(ON)
(ON)
(ON)
ET420
4
AC125V 20A
AC250V 12A
ON
ON
ON
−
−
− OFF −
OFF
ON
ON
426
ET420
Plate type
427
ET610N
Plate type
6
AC125V 10A
AC250V
7A
ON
−
ON
427
ET620N
Plate type
6
AC125V 20A
AC250V 12A
ON
−
ON
428
● Ratings are based on resistance load.
● Refer to P.428 for UL-recognized and CSA, PSE
(ON)
and(OFF):Momentary.
Solder Terminal
Solder Terminal
Solder Terminal
Solder Terminal
Solder Terminal
Solder Terminal
Screw Terminal(M4×0.7)
Screw Terminal(M4.5×0.75)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com