Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM311 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM311
Description  Voltage Comparator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM311 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM311 Datasheet HTML 9Page - National Semiconductor (TI) LM311 Datasheet HTML 10Page - National Semiconductor (TI) LM311 Datasheet HTML 11Page - National Semiconductor (TI) LM311 Datasheet HTML 12Page - National Semiconductor (TI) LM311 Datasheet HTML 13Page - National Semiconductor (TI) LM311 Datasheet HTML 14Page - National Semiconductor (TI) LM311 Datasheet HTML 15Page - National Semiconductor (TI) LM311 Datasheet HTML 16Page - National Semiconductor (TI) LM311 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
9.0 Typical Applications (Pin numbers refer to H08 package) (Continued)
10 Hz to 10 kHz Voltage Controlled Oscillator
00570415
*Adjust for symmetrical square wave time when VIN =5mV
†Minimum capacitance 20 pF Maximum frequency 50 kHz
Driving Ground-Referred Load
Using Clamp Diodes to Improve Response
00570416
*Input polarity is reversed when using pin 1 as output.
00570417
TTL Interface with High Level Logic
00570418
*Values shown are fora0to30V logic swing and a 15V threshold.
†May be added to control speed and reduce susceptibility to noise spikes.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com