Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1040C Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MBRF1040C
Description  Full Plastic Dual Schottky Barrier Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MBRF1040C Datasheet(HTML) 1 Page - Mospec Semiconductor

  MBRF1040C Datasheet HTML 1Page - Mospec Semiconductor MBRF1040C Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
MBRF1030C Thru MBRF1060C
Switchmode
Full Plastic Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier metal. These
state-of-the-art geometry features epitaxial construction with oxide passivation
and metal overlay contact. Ideally suited for low voltage, high frequency
rectification, or as free wheeling and polarity protection diodes.
Features
* Low Forward Voltage.
* Low Switching noise.
* High Current Capacity
* Guarantee Reverse Avalanche.
* Guard-Ring for Stress Protection.
* Low Power Loss & High efficiency.
* 175℃ Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction.
* Plastic Material used Carries Underwriters Laboratory
Mecnanical Data
*
Case :JEDEC ITO-220AB molded plastic body
*
Termals:Plated lead,solderable per MIL-STD-750, Method 2026
*
Polarity:As marked
*
Mounting Torqure: 5 in-lbs. max
*
Weight:1.7 g approx.
*
High temperature soldering guaranteed 260℃/10 seconds
*In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
10 AMPERES
MAXIMUM RATINGS
MBRF10
Characteristic
Symbol
30C
35C
40C
45C
50C
60C
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
25
28
32
35
42
V
Average Rectifier Forward Current
Total Device (Rated VR),TC=100℃
IF(AV)
5.0
10
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
10
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
100
A
Operating and Storage Junction
Temperature Range
TJ , TSTG
-65 to +175
℃
30-60 VOLTS
ITO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.90
15.15
B
13.35
13.55
C
10.00
10.10
D
6.55
6.65
E
2.65
2.75
F
1.55
1.65
G
1.15
1.25
H
0.55
0.65
I
2.50
2.60
J
3.00
3.20
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
1.15
1.25
O
3.35
3.45
P
2.65
2.75
Q
3.15
3.25
ELECTRIAL CHARACTERISTICS
MBRF10
Characteristic
Symbol
30C
35C
40C
45C
50C
60C
Unit
Maximum Instantaneous Forward Voltage
( IF =5 Amp TC = 25℃)
( IF =5 Amp TC = 125℃)
VF
0.65
0.56
0.75
0.65
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
0.01
20
mA
Typical Thermal Resistance junction to
case
Rθ jc
2.8
℃
/w


Similar Part No. - MBRF1040C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF1040CT MCC-MBRF1040CT Datasheet
390Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
List of Unclassifed Man...
MBRF1040CT ETC1-MBRF1040CT Datasheet
59Kb / 2P
Dual Schottky Rectifiers
logo
Diotech Company.
MBRF1040CT DIOTECH-MBRF1040CT Datasheet
896Kb / 2P
SCHOTTKY BARRIER RECTIFIER
MBRF1040CT DIOTECH-MBRF1040CT Datasheet
971Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
More results

Similar Description - MBRF1040C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBRF2030C MOSPEC-MBRF2030C Datasheet
146Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10100CK MOSPEC-MBRF10100CK Datasheet
152Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10150C MOSPEC-MBRF10150C Datasheet
141Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF20100C MOSPEC-MBRF20100C Datasheet
148Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF20120CK MOSPEC-MBRF20120CK Datasheet
157Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30100CL MOSPEC-MBRF30100CL Datasheet
147Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30150CK MOSPEC-MBRF30150CK Datasheet
165Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30200CK MOSPEC-MBRF30200CK Datasheet
164Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30200CL MOSPEC-MBRF30200CL Datasheet
155Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
SRF10150 MOSPEC-SRF10150 Datasheet
201Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com