Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7251 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7251
Description  Quad Digital Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7251 Datasheet(HTML) 2 Page - Copal Electronics

  DP7251 Datasheet HTML 1Page - Copal Electronics DP7251 Datasheet HTML 2Page - Copal Electronics DP7251 Datasheet HTML 3Page - Copal Electronics DP7251 Datasheet HTML 4Page - Copal Electronics DP7251 Datasheet HTML 5Page - Copal Electronics DP7251 Datasheet HTML 6Page - Copal Electronics DP7251 Datasheet HTML 7Page - Copal Electronics DP7251 Datasheet HTML 8Page - Copal Electronics DP7251 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DP7251
2
PIN DESCRIPTION
SI: Serial Input
SI is the serial data input pin. This pin is used to
input all opcodes, byte addresses and data to be
written to the DP7251. Input data is latched on the
rising edge of the serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is used to
transfer data out of the DP7251. During a read
cycle, data is shifted out on the falling edge of the
serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to
synchronize
the
communication
between
the
microcontroller and the DP7251. Opcodes, byte
addresses or data present on the SI pin are latched
on the rising edge of the SCK. Data on the SO pin is
updated on the falling edge of the SCK.
A0, A1: Device Address Inputs
These
inputs
set
the
device
address
when
addressing multiple devices. A total of four devices
can be addressed on a single bus. A match in the
slave address must be made with the address input
in order to initiate communication with the DP7251.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to the
terminal
connections
on
a
mechanical
potentiometer.
RW: Wiper
The four RW pins are equivalent to the wiper terminal
of a mechanical potentiometer.
CS
¯¯¯: Chip Select
CS
¯¯¯ is the Chip select pin. CS
¯¯¯ low enables the
DP7251 and CS
¯¯
high disables the DP7251. CS
¯¯¯
high takes the SO output pin to high impedance and
forces the devices into a Standby mode (unless an
internal write operation is underway). The DP7251
draws ZERO current in the Standby mode. A high to
low transition on CS
¯¯¯ is required prior to any
sequence being initiated. A low to high transition on
CS
¯¯¯ after a valid write sequence is what initiates an
internal write cycle.
WP
¯¯¯: Write Protect
WP
¯¯¯ is the Write Protect pin. The Write Protect pin
will allow normal read/write operations when held
high. When WP
¯¯¯ is tied low, all non-volatile write
operations to the Data registers are inhibited
(change of wiper control register is allowed). WP
¯¯¯
going low while CS
¯¯¯ is still low will interrupt a write to
the registers. If the internal write cycle has already
been initiated, WP
¯¯¯ going low will have no effect on
any write operation.
HOLD
¯¯¯¯¯: Hold
The HOLD
¯¯¯¯¯ pin is used to pause transmission to the
DP7251 while in the middle of a serial sequence
without having to re-transmit entire sequence at a
later time. To pause, HOLD
¯¯¯¯¯ must be brought low
while SCK is low. The SO pin is in a high impedance
state during the time the part is paused, and
transitions on the SI pins will be ignored. To resume
communication, HOLD
¯¯¯¯¯ is brought high, while SCK is
low. (HOLD
¯¯¯¯¯ should be held high any time this
function is not being used.) HOLD
¯¯¯¯¯ may be tied high
directly to VCC or tied to VCC through a resistor.
PIN DESCRIPTION
Pin #
Name
Function
1
SO
Serial Data Output
2
A0
Device Address, LSB
3RW3
Wiper Terminal for Potentiometer 3
4RH3
High Reference Terminal for
Potentiometer 3
5RL3
Low Reference Terminal for
Potentiometer 3
6
NC
No Connect
7VCC
Supply Voltage
8RL0
Low Reference Terminal for
Potentiometer 0
9RH0
High Reference Terminal for
Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
CS
¯¯¯
Chip Select
12
WP
¯¯¯
Write Protection
13
SI
Serial Input
14
A1
Device Address
15
RL1
Low Reference Terminal for
Potentiometer 1
16
RH1
High Reference Terminal for
Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
RW2
Wiper Terminal for Potentiometer 2
21
RH2
High Reference Terminal for
Potentiometer 2
22
RL2
Low Reference Terminal for
Potentiometer 2
23
SCK
Bus Serial Clock
24
HOLD
¯¯¯¯¯
Hold
Doc. No. MD-2017 Rev. F
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com