Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7259 Datasheet(PDF) 3 Page - Copal Electronics

Part # DP7259
Description  Quad Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7259 Datasheet(HTML) 3 Page - Copal Electronics

  DP7259 Datasheet HTML 1Page - Copal Electronics DP7259 Datasheet HTML 2Page - Copal Electronics DP7259 Datasheet HTML 3Page - Copal Electronics DP7259 Datasheet HTML 4Page - Copal Electronics DP7259 Datasheet HTML 5Page - Copal Electronics DP7259 Datasheet HTML 6Page - Copal Electronics DP7259 Datasheet HTML 7Page - Copal Electronics DP7259 Datasheet HTML 8Page - Copal Electronics DP7259 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DP7259
© NIDEC COPAL ELECTRONICS CORP.
3
Doc. No. MD-2000 Rev. H
Characteristics subject to change without notice
Absolute Maximum Ratings
(1)
Parameters
Ratings
Units
C
º
5
2
1
+
o
t
5
5
-
s
a
i
B
r
e
d
n
U
e
r
u
t
a
r
e
p
m
e
T
C
°
0
5
1
+
o
t
5
6
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Voltage on Any Pin with Respect to VSS
(1) (2)
V
+
o
t
0
.
2
-
CC + 2.0
V
VCC
V
0
.
7
+
o
t
0
.
2
-
d
n
u
o
r
G
o
t
t
c
e
p
s
e
R
h
t
i
w
Package Power Dissipation Capability (TA
W
0
.
1
)
C
º
5
2
=
C
º
0
0
3
)
c
e
s
0
1
(
e
r
u
t
a
r
e
p
m
e
T
g
n
i
r
e
d
l
o
S
d
a
e
L
Wiper Current
±6
mA
Recommended Operating Conditions
Parameters
Ratings
Units
VCC
+2.5 to +6
V
C
°
5
8
+
o
t
0
4
-
e
r
u
t
a
r
e
p
m
e
T
l
a
i
r
t
s
u
d
n
I
Potentiometer Characteristics
(Over recommended operating conditions unless otherwise stated.)
Limits
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
RPOT
Potentiometer Resistance (100k
k
0
0
1
)
RPOT
Potentiometer Resistance (50k
k
0
5
)
Potentiometer Resistance
Tolerance
%
0
2
S
±
RPOT
%
1
g
n
i
h
c
t
a
M
Power Rating
25°C, each pot
50
mW
IW
A
m
3
+
t
n
e
r
r
u
C
r
e
p
i
W
RW
Wiper Resistance
IW =±3mA @VCC = 3V
200
300
RW
Wiper Resistance
IW =±3mA @VCC = 5V
100
150
VTERM
Voltage on any RH or RL Pin
VSS =0V
VSS
VCC
V
VN
)
4
(
e
s
i
o
N
nV Hz
%
4
.
0
n
o
i
t
u
l
o
s
e
R
Absolute Linearity
(5)
RW(n)(actual)-R(n)(expected)
(8)
±1
LSB
(7)
Relative Linearity
(6)
RW(n+1)-[RW(n)+LSB]
(8)
±0.2
LSB
(7)
TCRPOT
Temperature Coefficient of RPOT
C
º
/
m
p
p
0
0
3
±
)
4
(
TCRATIO
C
º
/
m
p
p
0
2
)
4
(
t
n
e
i
c
i
f
f
e
o
C
.
p
m
e
T
c
i
r
t
e
m
o
i
t
a
R
CH/CL/CW
F
p
5
2
/
0
1
/
0
1
)
4
(
s
e
c
n
a
t
i
c
a
p
a
C
r
e
t
e
m
o
i
t
n
e
t
o
P
fc
Frequency Response
RPOT =50k
(4)
0.4
MHz
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20ns.
(3) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC +1V.
(4) This parameter is tested initially and after a design or process change that affects the parameter.
(5) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer.
(6) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentio-
meter. It is a measure of the error in step size.
(7) LSB = RTOT / 255 or (RH - RL) / 255, single pot
(8) n = 0, 1, 2, ..., 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com