Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7419 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7419
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7419 Datasheet(HTML) 2 Page - Copal Electronics

  DP7419 Datasheet HTML 1Page - Copal Electronics DP7419 Datasheet HTML 2Page - Copal Electronics DP7419 Datasheet HTML 3Page - Copal Electronics DP7419 Datasheet HTML 4Page - Copal Electronics DP7419 Datasheet HTML 5Page - Copal Electronics DP7419 Datasheet HTML 6Page - Copal Electronics DP7419 Datasheet HTML 7Page - Copal Electronics DP7419 Datasheet HTML 8Page - Copal Electronics DP7419 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DP7419
Doc. No. MD-2115 Rev. H
2
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
PIN DESCRIPTIONS
SCL: Serial Clock
The DP7419 serial clock input pin is used to
clock all data transfers into or out of the device.
SDA: Serial Data
The DP7419 bidirectional serial data pin is used
to transfer data into and out of the device. The
SDA pin is an open drain output and can be wire-
OR'd with the other open drain or open collector
outputs.
A0, A1, A2, A3: Device Address Inputs
These inputs set the device address when
addressing multiple devices. A total of sixteen
devices can be addressed on a single bus. A
match in the slave address must be made with the
address input in order to initiate communication
with the DP7419.
RH, RL: Resistor End Points
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer.
RW: Wiper
The RW pins are equivalent to the wiper terminal of
a mechanical potentiometer.
WP
¯¯¯: Write Protect Input
The WP
¯¯¯ pin when tied low prevents non-volatile
writes to the data registers (change of wiper
control register is allowed) and when tied high or
left floating normal read/write operations are
allowed. See page 7, Write Protection for more
details.
DEVICE OPERATION
The DP7419 is two resistor arrays integrated with 2wire serial interface logic, four 6-bit wiper control registers
and sixteen 6-bit, non-volatile memory data registers. Each resistor array contains 63 separate resistive elements
connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL). RH and RL are symmetrical and may be interchanged. The tap positions between and
at the ends of the series resistors are connected to the output wiper terminals (RW) by a CMOS transistor switch.
Only one tap point for each potentiometer is connected to its wiper terminal at a time and is determined by the
value of the wiper control register. Data can be read or written to the wiper control registers or the non-volatile
memory data registers via the 2-wire bus. Additional instructions allow data to be transferred between the wiper
control registers and each respective potentiometer's non-volatile data registers. Also, the device can be
instructed to operate in an "increment/decrement" mode.
Pin
SOIC
Pin
TSSOP
Name
Function
119
VCC
Supply Voltage
220
RL0
Low Reference Terminal for
Potentiometer 0
321
RH0
High Reference Terminal for
Potentiometer 0
422
RW0
Wiper Terminal for
Potentiometer 0
5
23
A2
Device Address
624
WP
¯¯¯
Write Protection
7
1
SDA
Serial Data Input/Output
8
2
A1
Device Address
93
RL1
Low Reference Terminal for
Potentiometer 1
10
4
RH1
High Reference Terminal for
Potentiometer 1
11
5
RW1
Wiper Terminal for
Potentiometer 1
12
6
GND
Ground
13
7
NC
No Connect
14
8
NC
No Connect
15
9
NC
No Connect
16
10
NC
No Connect
17
11
SCL
Bus Serial Clock
18
12
A3
Device Address
19
13
NC
No Connect
20
14
A0
Device Address, LSB
21
15
NC
No Connect
22
16
NC
No Connect
23
17
NC
No Connect
24
18
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com